Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3199BD153M050APA1 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 3199BD153M050APA1
Description  Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3199BD153M050APA1 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  3199BD153M050APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3199BD153M050APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3199BD153M050APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3199BD153M050APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC • 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
With twice the capacitance of Type 3191 capacitor,
Type 3199 extends output filtering performance into
higher power, especially with cold temperature require-
ments. It’s available with the capacitor element pot-
ted in place for lowest cost or secured by rills, spoon
shaped dimples in the side of the can. Rilled construc-
tion offers high vibration and shock withstanding and
excellent heat transfer for higher ripple current.
Highlights
Screw Terminal Capacitors for Power Output Filtering
Stud mount available
High current application
Industrial applications
Smoothing and filtering
Audio power supplies
Specifications
Operating Temperature:
Rated Voltage:
Capacitance Range:
Capacitance Tolerance:
Ripple Current Multiplier:
Life Test:
Shelf Life:
Vibration:
–55 to + 85 ºC
7.5 Vdc to 75 Vdc
3900 µF to 1.2 F
Frequency 60 Hz
120 Hz
300 Hz 1000 Hz ≥10 Khz
I
R Multiplier
0.90
1.00
1.05
1.10
1.15
–10 to + 30%; –10 to +50%; ±20%
Temperature 45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
I
R Multiplier
2.24
2.00
1.73
1.41
1.00
Outline Drawing
Endurance, 5000 h at rated voltage and 85 ºC
Δ Capacitance: ±10%
ESR ≤ 200% of limit
DCL ≤ 100% of limit
Storage, 500 h at 85 ºC
Δ Capacitance: ±10%
ESR ≤ 175% of limit
DCL ≤ 200% of limit
10 to 500 Hz, 0.75 mm or 10 g* if less,
3 directions, 2 h ea
Δ Capacitance: ±5%
no visible damage or leakage
*15 g if rilled construction
Ambient Temperature
Frequency
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 3199BD153M050APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3199BD473M016APA1 CDE-3199BD473M016APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
3199BD683M010APA1 CDE-3199BD683M010APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
3199BD683M7P5APA1 CDE-3199BD683M7P5APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
3199BD823M7P5APA1 CDE-3199BD823M7P5APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
More results

Similar Description - 3199BD153M050APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191BA153M7R5BPA1 CDE-3191BA153M7R5BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com