Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVE106M25C12T-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AVE106M25C12T-F
Description  –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVE106M25C12T-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AVE106M25C12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVE106M25C12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVE106M25C12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVE106M25C12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type AVE –40 °C to 85 °C General Purpose SMT Capacitors
Aluminum Electrolytic Capacitors for Filtering and Bypass
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Ratings
Max.
Catalog
Max. DCL
Max. DF
Max. E.S.R. Ripple Current Case Size
Qty.
Cap
Part Number
2 min. @120Hz/20ºC @120Hz/20ºC @120Hz/85ºC Code D x L Per Reel
(µF)
(µA)
(%)
(Ω)
(mA)
(mm)
(Each)
50 Vdc ( 63 Vdc Surge )
.10
AVE104M50B12T-F
3.0
0.1
1657.83
3
B
4x5.3
2000
.22
AVE224M50B12T-F
3.0
0.1
753.56
5
B
4x5.3
2000
.33
AVE334M50B12T-F
3.0
0.1
502.37
6
B
4x5.3
2000
.47
AVE474M50B12T-F
3.0
0.1
352.73
7
B
4x5.3
2000
1
AVE105M50B12T-F
3.0
0.1
165.78
10
B
4x5.3
2000
2.2
AVE225M50B12T-F
3.0
0.1
75.36
15
B
4x5.3
2000
3.3
AVE335M50B12T-F
3.0
0.1
50.24
19
B
4x5.3
2000
4.7
AVE475M50C12T-F
3.0
0.1
35.27
26
C
5x5.3
1000
10
AVE106M50D16T-F
5.0
0.1
16.58
44
D 6.3x5.3
1000
22
AVE226M50X16T-F
11.0
0.1
7.54
65
X 6.3x7.7
1000
22
AVE226M50E16T-F
11.0
0.1
7.54
155
E
8x6.5
1000
33
AVE336M50X16T-F
16.5
0.1
5.02
82
X 6.3x7.7
1000
33
AVE336M50E16T-F
16.5
0.1
5.02
155
E
8x6.5
1000
47
AVE476M50X16T-F
23.5
0.1
3.53
98
X 6.3x7.7
1000
47
AVE476M50F24T-F
23.5
0.1
3.53
252
F
8x10
500
68
AVE686M50F24T-F
34.0
0.1
2.44
252
F
8x10
500
100
AVE107M50F24T-F
50.0
0.1
1.66
252
F
8x10
500
220
AVE227M50G24T-F
110.0
0.1
0.75
458
G
10x10
500
63 Vdc ( 75 Vdc Surge )
10
AVE106M63E16T-F
6.3
0.1
16.58
75
E
8x6.5
1000
22
AVE226M63F24T-F
13.9
0.1
7.54
139
F
8x10
500
33
AVE336M63F24T-F
20.8
0.1
5.02
139
F
8x10
500
47
AVE476M63G24T-F
29.6
0.1
3.53
226
G
10x10
500
68
AVE686M63G24T-F
42.8
0.1
2.44
226
G
10x10
500
100
AVE107M63G24T-F
63.0
0.1
1.66
226
G
10x10
500
100 Vdc ( 125 Vdc Surge )
10
AVE106M2AF24T-F
10
0.1
16.58
94
F
8x10
500
22
AVE226M2AG24T-F
22
0.1
7.54
189
G
10x10
500
33
AVE336M2AG24T-F
33
0.1
5.02
189
G
10x10
500


Similar Part No. - AVE106M25C12T-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
   Cat.5 Audio/Video Receiver (incl. Cable)
AVE-9201 LVL1-AVE-9201 Datasheet
791Kb / 2P
   1-port Cat.5 Audio/Video Broadcaster
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
   5-port Cat.5 Audio/Video Broadcaster
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results

Similar Description - AVE106M25C12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com