Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFK336M25C12T Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AFK336M25C12T
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK336M25C12T Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AFK336M25C12T Datasheet HTML 1Page - Cornell Dubilier Electronics AFK336M25C12T Datasheet HTML 2Page - Cornell Dubilier Electronics AFK336M25C12T Datasheet HTML 3Page - Cornell Dubilier Electronics AFK336M25C12T Datasheet HTML 4Page - Cornell Dubilier Electronics AFK336M25C12T Datasheet HTML 5Page - Cornell Dubilier Electronics AFK336M25C12T Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Cap
(µF)
Catalog
Part Number
Max.
DCL
2 min
(µA)
Max.
Dissipation
Factor
@120 Hz/20 °C
Max.
ESR
@100 kHz/20 °C
(Ω )
Impedance
@ 100 kHz/20 °C
(Ω)
Max.
Ripple Current
@ 100 kHz/105 °C
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
25 Vdc ( 31 Vdc Surge )
10
AFK106M25B12T
3.0
0.14
1.350
1.350
90
B
4 x 5.8
2000
22
AFK226M25C12T
5.5
0.14
0.700
0.700
160
C
5 x 5.8
1000
33
AFK336M25C12T
8.3
0.14
0.700
0.700
160
C
5 x 5.8
1000
33
AFK336M25D16T
8.3
0.14
0.360
0.360
240
D
6.3 x 5.8
1000
47
AFK476M25D16T
11.8
0.14
0.360
0.360
240
D
6.3 x 5.8
1000
68
AFK686M25D16T
17.0
0.14
0.360
0.360
240
D
6.3 x 5.8
1000
100
AFK107M25X16T
25.0
0.14
0.340
0.340
280
X
6.3 x 7.7
900
100
AFK107M25E16T
25.0
0.14
0.260
0.260
300
E
8 x 6.2
1000
150
AFK157M25F24T
37.5
0.14
0.160
0.160
600
F
8 x 10.2
500
220
AFK227M25F24T
55.0
0.14
0.160
0.160
600
F
8 x 10.2
500
330
AFK337M25F24T
82.5
0.14
0.160
0.160
600
F
8 x 10.2
500
470
AFK477M25G24T
117.5
0.14
0.080
0.080
850
G
10 x 10.2
500
1000
AFK108M25H32T
250.0
0.14
0.060
0.060
1100
H
12.5 x 13.5
200
1500
AFK158M25P44T
375.0
0.14
0.035
0.035
1800
P
16 x 16.5
125
2200
AFK228M25P44T
550.0
0.16
0.035
0.035
1800
P
16 x 16.5
125
3300
AFK338M25R44T
825.0
0.18
0.033
0.033
2060
R
18 x 16.5
125
35 Vdc ( 44 Vdc Surge )
4.7
AFK475M35B12T
3.0
0.12
1.350
1.350
90
B
4 x 5.8
2000
10
AFK106M35B12T
3.5
0.12
1.350
1.350
90
B
4 x 5.8
2000
10
AFK106M35C12T
3.5
0.12
0.700
0.700
160
C
5 x 5.8
1000
22
AFK226M35C12T
7.7
0.12
0.700
0.700
160
C
5 x 5.8
1000
33
AFK336M35D16T
11.6
0.12
0.360
0.360
240
D
6.3 x 5.8
1000
47
AFK476M35D16T
16.5
0.12
0.360
0.360
240
D
6.3 x 5.8
1000
68
AFK686M35X16T
23.8
0.12
0.340
0.340
280
X
6.3 x 7.7
900
100
AFK107M35X16T
35.0
0.12
0.340
0.340
280
X
6.3 x 7.7
900
100
AFK107M35F24T
35.0
0.12
0.160
0.160
600
F
8 x 10.2
500
150
AFK157M35F24T
52.5
0.12
0.160
0.160
600
F
8 x 10.2
500
220
AFK227M35F24T
77.0
0.12
0.160
0.160
600
F
8 x 10.2
500
330
AFK337M35G24T
115.5
0.12
0.080
0.080
850
G
10 x 10.2
500
470
AFK477M35H32T
164.5
0.12
0.060
0.060
1100
H
12.5 x 13.5
200
680
AFK687M35H32T
238.0
0.12
0.060
0.060
1100
H
12.5 x 13.5
200
1000
AFK108M35P44T
350.0
0.12
0.035
0.035
1800
P
16 x 16.5
125
1500
AFK158M35P44T
525.0
0.12
0.035
0.035
1800
P
16 x 16.5
125
50 Vdc ( 63 Vdc Surge )
4.7
AFK475M50B12T
3.0
0.10
2.900
2.900
60
B
4 x 5.8
2000
10
AFK106M50C12T
5.0
0.10
1.520
1.520
85
C
5 x 5.8
1000
10
AFK106M50D16T
5.0
0.10
0.880
0.880
165
D
6.3 x 5.8
1000
22
AFK226M50D16T
11.0
0.10
0.880
0.880
165
D
6.3 x 5.8
1000
33
AFK336M50X16T
16.5
0.10
0.680
0.680
195
X
6.3 x 7.7
900
33
AFK336M50E16T
16.5
0.10
0.680
0.680
195
E
8 x 6.2
1000
47
AFK476M50X16T
23.5
0.10
0.680
0.680
195
X
6.3 x 7.7
900
47
AFK476M50E16T
23.5
0.10
0.680
0.680
195
E
8 x 6.2
1000
100
AFK107M50F24T
50.0
0.10
0.340
0.340
350
F
8 x 10.2
500


Similar Part No. - AFK336M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK336M25C12T-F CDE-AFK336M25C12T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK336M25C12T-F CDE-AFK336M25C12T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK336M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com