Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVEZ336M50X16T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVEZ336M50X16T-F
Description  Low Impedance SMT Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVEZ336M50X16T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVEZ336M50X16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVEZ336M50X16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVEZ336M50X16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVEZ –55 °C to +105 °C
Low Impedance SMT Aluminum Electrolytic Capacitors
Specifications
–55 °C to +105 °C
6.3, 10, 16, 25, 35, 50 Vdc
1.0 µF to 220 µF
±20% @ 120 Hz and +20 °C
I = 0.01 CV or 3 (µA) whichever is greater after 2 minutes
C = rated capacitance in µF, V = rated DC working voltage
For Filtering, Bypassing and Power Supply Decoupling
Highlights
• +105 °C, Up to 1000 Hours Load Life
• Capacitance Range: 1.0 µF to 220 µF
• Voltage Range: 6.3 Vdc to 50 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multiplier:
Dissipation Factor:
(Tan
δ at 120 Hz, 20 ºC)
Low Temperature
Characteristic (at 120 Hz):
Shelf LifeTest:
Type AVEZ Capacitors are rated for 1000 hours at 105 ºC with low
impedance characteristics. They are ideal for high density PC board
packaging. The Type AVEZ offers a low in-place-cost for a high
quality performer. The vertical cylindrical cases facilitate automatic
mounting and reflow soldering into the same footprint of like-rated
tantalum capacitors except without the need for voltage derating. Type
AVEZ is RoHS compliant.
Load Life Test:
Test time: 1000 hours; test limits are the same as those for life test.
Rated Voltage
6.3
10
16
25
35
50
Tan δ Max
0.28
0.24
0.20
0.16
0.14
0.12
Rated Voltage
6.3
10
16
25
35
50
Impedance
Ratio
Z(–25 ºC) / Z(+20 ºC)
4
3
2
2
2
2
Z(–40 ºC) / Z(+20 ºC)
8
5
4
3
3
3
Test Time
1,000 Hours
Capacitance Change
Within ±25% of initial value
Dissipation Factor
Less than 200% of specified value
Leakage Current
Within specified value
* The above specifications shall be satisfied when the
capacitors are restored to 20 ºC after the rated voltage is
applied for 1,000 hrs at 105 ºC
Freq. (Hz)
Vdc
50, 60
120
1 k
10 k up
6.3 ~ 50
0.64
0.80
0.93
1.00


Similar Part No. - AVEZ336M50X16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ336M50X16T-F CDE-AVEZ336M50X16T-F Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVEZ336M50X16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com