Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFK226M25C12T Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # AFK226M25C12T
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK226M25C12T Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  AFK226M25C12T Datasheet HTML 1Page - Cornell Dubilier Electronics AFK226M25C12T Datasheet HTML 2Page - Cornell Dubilier Electronics AFK226M25C12T Datasheet HTML 3Page - Cornell Dubilier Electronics AFK226M25C12T Datasheet HTML 4Page - Cornell Dubilier Electronics AFK226M25C12T Datasheet HTML 5Page - Cornell Dubilier Electronics AFK226M25C12T Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Type AFK –55 °C to 105 °C
Typical Performance Curves
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
100
10
0.1
ESR vs. Temperature and Frequency
100
10
1
0.1
ESR vs. Temperature and Frequency
3300
µF @6.3 Vdc (12.5 X 13.5 mm)
100
µF @ 16 Vdc (6.3 X 5.8 mm)
100
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C 65°C
105
°
–55
°C
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
10
1
0.1
1
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Impedance vs Temperature and Frequency
3300 µF /6.3 V (12.5 x13.5mm)
Impedance vs. Temperature and Frequency
100
µF @ 16 Vdc (6.3 X 5.8 mm)
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
10
1
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
0.1
0.01
0.001
10
100
1,000
10,000
100,000
1,000,000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Dissipation Factor vs.
Frequency (Hz)
Capacitance Change vs. Time
Temperature
(AFK Series Typical Performance)
3
5
0
-5
-10
2
1
-20
0.01
22 µF @ 6.3 Vdc (4 x 5.4 mm)
100 µF @ 6.3 Vdc ( 6.3 x 5.4 mm)
1500 µF @ 6.3 Vdc (10 x 10.2 mm)
0
0
500
1000
1500
2000
2500
3000
3500
-60
-10
40
90
140
47 µF @ 6.3 Vdc (4 X 5.8 mm)
100 µF @ 6.3 Vdc (6.3 X 5.8 mm)
1000 µF @ 6.3 Vdc (8 X 10.2 mm)
Time (Hours)
Temperature (°C)
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 • www.cde.com.
-15


Similar Part No. - AFK226M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK226M25C12T-F CDE-AFK226M25C12T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK226M25C12T-F CDE-AFK226M25C12T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK226M25C12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com