Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS477M10F24T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVS477M10F24T
Description  SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS477M10F24T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVS477M10F24T Datasheet HTML 1Page - Cornell Dubilier Electronics AVS477M10F24T Datasheet HTML 2Page - Cornell Dubilier Electronics AVS477M10F24T Datasheet HTML 3Page - Cornell Dubilier Electronics AVS477M10F24T Datasheet HTML 4Page - Cornell Dubilier Electronics AVS477M10F24T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
General Purpose Filtering, Bypassing, Power Supply Decoupling
Type AVS Capacitors are the best value for filter and bypass applications
not requiring wide temperature performance or high ripple current.
Their vertical cylindrical cases facilitate automatic mounting and reflow
soldering and Type AVS offers a significant cost savings over tantalum
capacitors.
Specifications
Operating Temperature:
Rated voltage:
Capacitance:
D.F. (@ 20°C):
Capacitance Tolerance:
Leakage Current:
Ripple Current Multipliers:
-40°C to +85°C
4.0, 6.3, 10, 16, 25, 35, 63, & 100 Vdc
0.1 µF to 1500 µF
See Ratings Table
±20% @ 120 Hz and +20°C
0.01 CV or 3 µA @ +20°C, after two minutes (whichever is greater)
Frequency
Highlights
• +85°C, 2000 Hour Load Life
• Capacitance Range: 0.1
µF to 1500 µF
• Voltage Range: 4.0 Vdc to 100 Vdc
Load Life: 2000 h @ 85°C
Capacitance: ±20%
DF: <200% of limit
DCL: <100% of limit
Shelf Life: 1000 h @ 85°C
Capacitance: ±20%
DF: <200% of limit
DCL: <100% of limit
AVS Series Marking
Outline Drawing
Case Dimensions
50/60 Hz 120 Hz
1 kHz 10 kHz & up
0.7
1.0
1.3
1.7
Maximum Impedance Ratio @ 120 Hz
W.V. (Vdc)
4.0
6.3
10.0
16.0
25.0
35.0
50.0
63.0
100.0
-25°C / +20°C
7.0
4.0
3.0
2.0
2.0
2.0
2.0
3.0
3.0
-40°C / +20°C
15.0
8.0
6.0
4.0
4.0
3.0
3.0
4.0
4.0
Case
Code
D ± 0.5
L
A ± 0.2
H (max)
I (ref)
W
P (ref)
K
A
3
5.4 +.1,-.2
3.3
4.5
1.5
0.55 ± 0.1
0.6
0.35 + 0.15/-0.20
B
4
5.4 +.1,-.2
4.3
5.5
1.8
0.65 ± 0.1
1.0
0.35 + 0.15/-0.20
C
5
5.4 +.1,-.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/-0.20
D
6.3
5.4 +.1,-.2
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
X
6.3
7.9 ±.3
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
E
8
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/-0.20
F
8
10.2 ±.3
8.3
10.0
3.4
0.90 ± 0.2
3.1
0.70 ± 0.20
G
10
10.2 ±.3
10.3
12.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
220
6 = 6.3 Vdc
16 = 16 Vdc
25 = 25 Vdc,
Capacitance
(µF)
vs
Voltage
Series
Lot No.
H
L
W
P
D
0.3 mm
A
I
I
K


Similar Part No. - AVS477M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS477M10F24T-F CDE-AVS477M10F24T-F Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS477M10F24T-F CDE-AVS477M10F24T-F Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
More results

Similar Description - AVS477M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVE226M04A12T-F CDE-AVE226M04A12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com