Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVEZ225M50B12T-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AVEZ225M50B12T-F
Description  Low Impedance SMT Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVEZ225M50B12T-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AVEZ225M50B12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVEZ225M50B12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVEZ225M50B12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type AVEZ –55 °C to +105 °C
Low Impedance SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Ratings Table
Outline Drawing, Case Code & Dimensions Table
Part Numbering System
AVEZ
106
M
25
C
12T
–F
Type
Capacitance Capacitance
Voltage Code
Case Packaging Code
RoHS
Tolerance
Code
Compliant
AVEZ 105 = 1.0 µF
M = ±20% 06 = 6.3 Vdc 25 = 25 Vdc
See
12 = Carrier Tape
106 = 10.0 µF
10 = 10 Vdc 35 = 35 Vdc
Table
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 50 = 50 Vdc
T = Tape & Reel
Case Ø D
L
A
B
C
W
P ±0.2
Code (mm) (mm) (mm) (mm) (mm) (mm)
(mm)
B
4.0 5.3 ±0.2 4.3
4.3
2.0 0.5 to 0.8 1.0
C
5.0 5.3 ±0.2 5.3
5.3
2.3 0.5 to 0.8 1.5
D
6.3 5.3 ±0.2 6.6
6.6
2.7 0.5 to 0.8 2.0
X
6.3 7.7 ±0.3 6.6
6.6
2.7 0.5 to 0.8 2.0
Max
Max
Max
Max
Catalog
DCL
DF
Impedance
Ripple Current Case
Size
Quantity
Cap
Part Number
2 min. 120 Hz 20 ºC 100 kHz 20 ºC 100 kHz 105 °C Code
D x L per Reel
(µF)
(µA)
(ohms)
(mA)
(mm)
(each)
6.3 Vdc ( 8 Vdc Surge)
22
AVEZ226M06B12T-F 3.0
0.28
3.20
65
B
4 x 5.3
2000
33
AVEZ336M06C12T-F 3.0
0.28
1.50
110
C
5 x 5.3
1000
47
AVEZ476M06C12T-F 3.0
0.28
1.50
110
C
5 x 5.3
1000
100 AVEZ107M06D16T-F 6.3
0.28
0.85
170
D
6.3 x 5.3
1000
150 AVEZ157M06X16T-F 9.5
0.28
0.50
255
X
6.3 x 7.7
1000
220 AVEZ227M06X16T-F 13.9
0.28
0.50
255
X
6.3 x 7.7
1000
10 Vdc ( 13 Vdc Surge)
10
AVEZ106M10B12T-F 3.0
0.24
3.20
65
B
4 x 5.3
2000
22
AVEZ226M10C12T-F 3.0
0.24
1.50
110
C
5 x 5.3
1000
33
AVEZ336M10C12T-F 3.0
0.24
1.50
110
C
5 x 5.3
1000
47
AVEZ476M10D16T-F 3.0
0.24
0.85
170
D
6.3 x 5.3
1000
100 AVEZ107M10D16T-F 6.3
0.24
0.85
170
D
6.3 x 5.3
1000
150 AVEZ157M10X16T-F 9.5
0.24
0.50
255
X
6.3 x 7.7
1000
220 AVEZ227M10X16T-F 13.9
0.24
0.50
255
X
6.3 x 7.7
1000
ØD ±.05
.03 Max
B ± 0.2
.04 ±0.2
C ±0.2
W
P
C ±0.2


Similar Part No. - AVEZ225M50B12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ225M50B12T-F CDE-AVEZ225M50B12T-F Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVEZ225M50B12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com