Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450C173M100EE8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 450C173M100EE8
Description  Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

450C173M100EE8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  450C173M100EE8 Datasheet HTML 1Page - Cornell Dubilier Electronics 450C173M100EE8 Datasheet HTML 2Page - Cornell Dubilier Electronics 450C173M100EE8 Datasheet HTML 3Page - Cornell Dubilier Electronics 450C173M100EE8 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
5000 h at 85 °C per EIA IS-749 with 85 ºC ripple current
∆ Capacitance ± 20%
ESR 200 % of limit
DCL 100 % of limit
10,000 h at 105 ºC with rated voltage
∆ Capacitance ± 10%
ESR 200 % of limit
DCL 100 % of limit
500 h at 105 °C. Capacitance, ESR and DCL meet initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Type 450C is the 105 °C version of the Type 420C Inverter
Grade capacitor, and it is the PC-mount version of the Type
550C. It delivers the ripple-current capability and exceptional
life needed for motor-drive and inverter bus capacitors. It is
a significantly better value than comparable 105 °C snap-in
capacitors. The extended cathode foil of the 450C assures
cool operation and heat flow from the capacitor element to
the can in all orientations.
Highlights
• Better value than large 105 °C snap-in capacitors
• Especially for motor drives and UPS systems
• ESRs to 6.9 m
• Printed-circuit mounting
• Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
The Ultimate in Ripple for Plug-in
Frequency
–40 °C to 105 °C
100 to 500 Vdc
150 µF to 24,000 µF ± 20%
≤ 3 √CV µA, 4 mA max, 5 minutes
20 °C multiple of 25 °C Z ≤ 3
Ambient Temperature
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz
1 3/8” & 1 3/4” Diameters
100 to 350 V
0.91
0.93
1.00
1.06
1.08
1.09
1.09
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.23
2” Diameters
100 to 350 V
0.92
0.94
1.00
1.05
1.07
1.08
1.08
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.27
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
45 °C
55 °C
65 °C
75 °C
85 ºC
95 ºC
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chro-
mium (Cr(VI)), PolyBrominated Bi-
phenyls (PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 450C173M100EE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C173M100EE8 CDE-450C173M100EE8 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
More results

Similar Description - 450C173M100EE8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com