Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

932C2W6P8J-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 932C2W6P8J-F
Description  Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

932C2W6P8J-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  932C2W6P8J-F Datasheet HTML 1Page - Cornell Dubilier Electronics 932C2W6P8J-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type 932 Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Cap.
(µF)
Catalog
Part Number
D
±.062(1.5)
Inches(mm)
L
+.062(1.5)
Inches(mm)
d
Inches(mm)
Typical
ESR
@100 KHz
milliohms
dV/dt
V/µs
I peak
A
I
RMS
70 ºC
100 kHz
(A)
400 Vdc (250)
1.50
932C4W1P5J–F 0.571
14.5
1.220
31
.040
1.0
3.6
70
105
9
2.00
932C4W2J–F
0.650
16.5
1.220
31
.040
1.0
2.9
70
140
9
2.20
932C4W2P2J–F 0.689
17.5
1.220
31
.040
1.0
2.8
70
155
9
2.50
932C4W2P5J–F 0.728
18.5
1.220
31
.040
1.0
2.5
70
175
9
3.00
932C4W3J–F
0.787
20.0
1.220
31
.040
1.0
2.3
70
210
9
4.00
932C4W4J–F
0.768
19.5
1.654
42
.040
1.0
3
50
200
9
4.70
932C4W4P7J–F 0.827
21.0
1.654
42
.040
1.0
2.7
50
235
9
5.00
932C4W5J–F
0.846
21.5
1.654
42
.040
1.0
2.6
50
250
9
6.80
932C4W6P8J–F 0.984
25.0
1.654
42
.051
1.0
2.1
50
340
11
10.00
932C4W10J–F
1.181
30.0
1.654
42
.051
1.3
1.8
50
500
11
15.00
932C4W15J–F
1.260
32.0
2.165
55
.051
1.3
3.1
30
450
11
600 Vdc (330 Vac)
1.00
932C6W1J–F
0.61
15.5
1.220
31
.040
1.0
4.2
100
100
9
2.00
932C6W2J–F
0.728
18.5
1.654
42
.040
1.0
4.1
75
150
9
2.20
932C6W2P2J–F 0.768
19.5
1.654
42
.040
1.0
3.9
75
165
9
3.00
932C6W3J–F
0.886
22.5
1.654
42
.051
1.3
3.1
75
225
9
4.70
932C6W4P7J–F 1.083
27.5
1.654
42
.051
1.3
2.3
75
350
11
5.00
932C6W5J–F
1.122
28.5
1.654
42
.051
1.3
2.2
75
375
11
6.80
932C6W6P8J–F 1.122
28.5
2.165
55
.051
1.3
4.5
50
340
11
10.00
932C6W10J–F
1.358
34.5
2.165
55
.051
1.3
3.5
50
500
11
700 Vdc (400Vac)
0.68
932C7P68J–F
0.669
17.0
1.220
31
.040
1.0
4.6
125
85
9
1.00
932C7W1J–F
0.807
20.5
1.220
31
.040
1.0
3.4
125
125
9
1.50
932C7W1P5J–F 0.807
20.5
1.654
42
.040
1.0
4.2
90
135
9
2.00
932C7W2J–F
0.925
23.5
1.654
42
.051
1.3
3.3
90
180
11
2.20
932C7W2P2J–F 0.965
24.5
1.654
42
.051
1.3
3.1
90
200
11
3.00
932C7W3J–F
1.122
28.5
1.654
42
.051
1.3
2.6
90
270
11
4.00
932C7W4J–F
1.299
33.0
1.654
42
.051
1.3
2.2
90
360
11
4.70
932C7W4P7J–F 1.181
30.0
2.165
55
.051
1.3
5.2
60
280
11
5.00
932C7W5J–F
1.201
30.5
2.165
55
.051
1.3
4.9
60
300
11


Similar Part No. - 932C2W6P8J-F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
932 ALPHAWIRE-932 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
logo
Anderson Power Products...
932 APP-932 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
932 APP-932 Datasheet
151Kb / 2P
   SB® 350 Connector
932-BK APP-932-BK Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
logo
Belden Inc.
9320 BELDEN-9320 Datasheet
168Kb / 2P
   High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 932C2W6P8J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
logo
Suntan Capacitors
TS09 SUNTAN-TS09_17 Datasheet
96Kb / 1P
   High Voltage Metallized Polypropylene Film Capacitors
TS09 SUNTAN-TS09 Datasheet
547Kb / 1P
   High Voltage Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
logo
Illinois Capacitor, Inc...
104PHB850K2H ILLINOISCAPACITOR-104PHB850K2H_13 Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
logo
Kemet Corporation
R76ID1680SE30K KEMET-R76ID1680SE30K Datasheet
2Mb / 26P
   Polypropylene Pulse/High Frequency Capacitors
logo
Cornell Dubilier Electr...
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com