Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH49EZ3-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AH49EZ3-E1
Description  LINEAR HALL-EFFECT IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH49EZ3-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

  AH49EZ3-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH49EZ3-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
LINEAR HALL-EFFECT IC
AH49E
Preliminary Datasheet
Mechanical Dimensions
TO-92S
Unit: mm(inch)
1.480(0.058)
1.680(0.066)
0.710(0.028)
0.810(0.032)
3.080(0.121)
3.280(0.129)
2.200(0.087)
2.400(0.094)
0.440(0.017)
TYP
13.500(0.531)
14.500(0.571)
0.380(0.015)
TYP
1.270(0.050)
TYP
44
46
4.000(0.157)
4.200(0.165)
°
°
1.350(0.053)
1.050(0.041)
2.200(0.087)
1.900(0.075)
Package Sensor
Location


Similar Part No. - AH49EZ3-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49EZ3-E1 DIODES-AH49EZ3-E1 Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
More results

Similar Description - AH49EZ3-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
   LINEAR HALL EFFECT IC
AH49F DIODES-AH49F Datasheet
467Kb / 12P
   LINEAR HALL EFFECT IC
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
   LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
   LINEAR HALL-EFFECT IC
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
   LINEAR HALL-EFFECT IC
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
   Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com