Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4005GTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AA4005GTR-E1
Description  2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AA4005GTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AA4005GTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AA4005GTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Apr. 2008 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups AA4005
Preliminary Datasheet
Figure 11. THD+N vs. Output Power
Typical Performance Characteristics (Continued)
Figure 12. THD+N vs. Output Power
Figure 13. THD+N vs. Output Power
Figure 14. THD+N vs. Frequency
10m
100m
1
0.1
1
10
Output Power (W)
VDD=5.0V
f=1kHz
RL=3
Gain=6dB
LPF=22kHz
10m
100m
1
0.01
0.1
1
10
f=10kHz
f=20Hz
Output Power (W)
VDD=5.0V
RL=4
Gain=6dB
LPF=30kHz
f=1kHz
10m
100m
1
0.1
1
10
Gain=10dB
Gain=15.6dB
Gain=21.6dB
Gain=6dB
Output Power (W)
VDD=5.0V
f=1kHz
RL=4
LPF=22kHz
100
1k
10k
0.01
0.1
1
10
Frequency (Hz)
VDD=5.0V
RL=4
Gain=6dB
LPF=30kHz
PO=1.5W
PO=1W
PO=0.25W


Similar Part No. - AA4005GTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4002G-E1 BCDSEMI-AA4002G-E1 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4002GTR-E1 BCDSEMI-AA4002GTR-E1 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
AA4003G-E1 BCDSEMI-AA4003G-E1 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
More results

Similar Description - AA4005GTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com