Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4003M-E1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AA4003M-E1
Description  2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AA4003M-E1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AA4003M-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AA4003M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
AA4003
Data Sheet
2
Oct. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Pin Configuration
G Package
(TSSOP-20 (EDP))
M Package
Figure 2. Pin Configurations of AA4003 (Top View)
SHUTDOWN
GND
OUTL+
VDD
OUTL-
LIN-
GND
LIN+
HP-SENSE
GND
OUTR+
VDD
OUTR-
RIN-
BYPASS
RIN+
SHUTDOWN
GND
OUTL+
VDD
OUTL-
LIN-
GND
LIN+
HP-SENSE
GND
OUTR+
VDD
OUTR-
RIN-
BYPASS
RIN+
PGND
PGND
PGND
PGND
1
2
19
18
12
9
13
8
7
6
14
15
17
16
5
4
3
11
10
20
1
2
15
14
9
8
7
6
10
11
13
12
5
4
3
16
(SOIC-16)


Similar Part No. - AA4003M-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4002G-E1 BCDSEMI-AA4002G-E1 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4002GTR-E1 BCDSEMI-AA4002GTR-E1 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
AA4005G BCDSEMI-AA4005G Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
More results

Similar Description - AA4003M-E1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com