Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

168224M63C-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 168224M63C-F
Description  Type 168/185 Metallized Polyester Radial Lead Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

168224M63C-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  168224M63C-F Datasheet HTML 1Page - Cornell Dubilier Electronics 168224M63C-F Datasheet HTML 2Page - Cornell Dubilier Electronics 168224M63C-F Datasheet HTML 3Page - Cornell Dubilier Electronics 168224M63C-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 168/185 Metallized Polyester Radial Lead Capacitors
Radial Box Metallized Polyester Capacitors for Automatic Insertion
Highlights
The Type 168/185 series radial lead metallized polyester
box capacitors are available in bulk (Type 168) or on
ammo pack or tape and reel (Type 185). These capacitors
are constructed in rugged rectangular plastic cases and
all come with 5.0 mm (0.197) lead spacing. They are
good for general purpose applications such as bypass,
decoupling, energy storage/discharge and arc suppres-
sion.
• Case and epoxy fill meets UL94V-0
• 5.0 mm (0.197) lead spacing
• Bulk, tape and reel or ammo pack
• Non-inductively wound
• Non-polar
• Low leakage
• Lead material: Tinned copper wire
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
RoHS Compliant
0.001 µF to 1.0 µF
50 Vdc to 400 Vdc (30 Vac to 200 Vac, 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +125 ºC (with 50% Vdc derating >85 ºC)
1.6 x rated voltage for 2 sec @ +25 ºC ±5 ºC
tanδ x 10 –4 at 25 ºC ±5 ºC
kHz
C ≤0.1 µF C > 0.1 µF
1
≤100
≤100
10
≤150
≤150
100
≤300
Total Self Inductance (L): Approximately 7 nH
Long Term Stability (after two years): Capacitance change ∆C/C ≤ ±3% under stan-
dard environmental conditions
Maximum Pulse Rise Time (dv/dt):
Vn
V/µs
50
250
63
250
100
300
250
400
400
600
If the working voltage (V) is less than the nominal voltage
(Vn), the capacitor can work at higher dv/dt. In this case, the
maximum value allowed is obtained by multiplying the above
value with the ratio Vn/V.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 168224M63C-F

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1682207 PHOENIX-1682207 Datasheet
622Kb / 15P
   SAC-4P-M 8MS/1,5-PUR/M 8FR - Sensor/actuator cable
1682210 PHOENIX-1682210 Datasheet
622Kb / 15P
   SAC-4P-M 8MS/3,0-PUR/M 8FR - Sensor/actuator cable
1682223 PHOENIX-1682223 Datasheet
620Kb / 15P
   SAC-4P-M 8MR/0,3-PUR/M 8FS - Sensor/actuator cable
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
   Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1682265 PHOENIX-1682265 Datasheet
659Kb / 16P
   SAC-4P-M 8MR/0,3-PUR/M 8FR - Sensor/actuator cable
More results

Similar Description - 168224M63C-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Vishay Siliconix
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT373 VISHAY-MKT373 Datasheet
373Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com