Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

057680U250GL2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 057680U250GL2
Description  Type 057 105 째C Military Grade, Axial Leaded, Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

057680U250GL2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  057680U250GL2 Datasheet HTML 1Page - Cornell Dubilier Electronics 057680U250GL2 Datasheet HTML 2Page - Cornell Dubilier Electronics 057680U250GL2 Datasheet HTML 3Page - Cornell Dubilier Electronics 057680U250GL2 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Numbering System
057
120
U
250
FE
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
057
6R8 = 6.8 F
U =
10% + 75%
6R3 = 6.3 Vdc
See
0 = Bare Can
E = epoxy
120 = 12 F
T =
10% + 50%
050 = 50 Vdc
ratings
1 = Polyester
Blank = no epoxy
681 = 680 F
250 = 250 Vdc
2 = PVC
682 = 6800 F
Case
Inches
mm
Case
Inches
mm
Code
D
.016 L max
D
.41 L max
Code
D
.016
L max
D
.41
L max
FE
.635
1.250
16.13
31.75
HE
.885
1.250
22.48
31.75
FJ
.635
1.750
16.13
44.45
HJ
.885
1.750
22.48
44.45
FL
.635
2.250
16.13
57.15
HL
.885
2.250
22.48
57.15
FP
.635
2.750
16.13
69.85
HP
.885
2.750
22.48
69.85
FS
.635
3.250
16.13
82.55v
HS
.885
3.250
22.48
82.55
FT
.635
3.750
16.13
95.35
HT
.885
3.750
22.48
95.25
GE
.760
1.250
19.30
31.75
JE
1.010
1.250
25.65
31.75
GJ
.760
1.750
19.30
44.45
JJ
1.010
1.750
25.65
44.45
GL
.760
2.250
19.30
57.15
JL
1.010
2.250
25.65
GP
.760
2.750
19.30
69.85
JP
1.010
2.750
25.65
57.15
GS
.760
3.250
19.30
82.55
JS
1.010
3.250
25.65
69.85
GT
.760
3.750
19.30
92.25
JT
1.010
3.75
25.65
82.55
Insulated dimensions
Insulated dimensions
Case Dimensions
Typical Performance Curves
Temperature Characteristics - 3000
F @ 40 Vdc
Temperature Characteristics - 3000
F @ 40 Vdc
Impedance vs. Frequency - 7000
F @ 20 Vdc
Impedance vs. Frequency - 3000
F @ 40 Vdc
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
95.25


Similar Part No. - 057680U250GL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
057680U250GL2 ETC2-057680U250GL2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
More results

Similar Description - 057680U250GL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
   105 ?C, Miniature Computer Grade, Axial Leaded
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
   Leaded Military Grade/High Shock
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com