Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVGA478M06P44T-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AVGA478M06P44T-F
Description  High Capacitance SMT Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVGA478M06P44T-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AVGA478M06P44T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVGA478M06P44T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVGA478M06P44T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVGA478M06P44T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AVGA478M06P44T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AVGA478M06P44T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type AVGA –40 °C to +105 °C
High Capacitance SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Max.
Catalog
Max. DF
Max. ESR
Ripple Current
Case
Size
Quantity
Cap
Part Number
Max. DCL
@ 120 Hz
@ 120 Hz/20 ºC
@ 120 Hz/105 ºC
Code
D x L
Per Reel
(µF)
(µA)
(ohms)
(ma)
(mm)
(ea)
35 Vdc (44 Vdc Surge)
4.7
AVGA475M35B12T-F
3.0
0.16
56.44
16
B
4x5.7
2000
10
AVGA106M35C12T-F
3.5
0.16
26.53
27
C
5x5.7
1000
22
AVGA226M35D16T-F
7.7
0.16
12.06
44
D
6.3x5.7
1000
33
AVGA336M35D16T-F
12
0.16
8.04
54
D
6.3x5.7
1000
47
AVGA476M35X16T-F
16
0.16
5.64
80
X
6.3x7.7
1000
100
AVGA107M35F24T-F
35
0.16
2.65
320
F
8x10
500
220
AVGA227M35G24T-F
77
0.16
1.21
375
G
10x10
500
330
AVGA337M35Q24T-F
116
0.16
0.80
410
Q
10x10.3
500
470
AVGA477M35H32T-F
494
0.22
0.78
520
H
12.5x13.5
200
1000
AVGA108M35P44T-F
1050
0.22
0.36
750
P
16x16.5
125
50 Vdc (63 Vdc Surge)
0.1
AVGA104M50B12T-F
3.0
0.14
2320.96
2
B
4x5.7
2000
0.22
AVGA224M50B12T-F
3.0
0.14
1054.98
3
B
4x5.7
2000
0.33
AVGA334M50B12T-F
3.0
0.14
703.32
4
B
4x5.7
2000
0.47
AVGA474M50B12T-F
3.0
0.14
493.82
5
B
4x5.7
2000
1.0
AVGA105M50B12T-F
3.0
0.14
232.10
10
B
4x5.7
2000
2.2
AVGA225M50B12T-F
3.0
0.14
105.50
16
B
4x5.7
2000
3.3
AVGA335M50B12T-F
3.0
0.14
70.33
18
B
4x5.7
2000
4.7
AVGA475M50C12T-F
3.0
0.14
49.38
20
C
5x5.7
1000
10
AVGA106M50D16T-F
5.0
0.14
23.21
32
D
6.3x5.7
1000
22
AVGA226M50D16T-F
11
0.14
10.55
47
D
6.3x5.7
1000
33
AVGA336M50X16T-F
17
0.14
7.03
65
X
6.3x7.7
1000
47
AVGA476M50X16T-F
24
0.14
4.94
80
X
6.3x7.7
1000
100
AVGA107M50F24T-F
50
0.14
2.32
230
F
8x10
500
100
AVGA107M50G24T-F
50
0.14
2.32
375
G
10x10
500
220
AVGA227M50Q24T-F
110
0.14
1.06
375
Q
10x10.3
500
330
AVGA337M50H32T-F
165
0.18
0.90
500
H
12.5x13.5
200
470
AVGA477M50L32T-F
235
0.18
0.64
550
L
12.5x16
150
63 Vdc (79 Vdc Surge)
0.47
AVGA474M63B12T-F
3.0
0.12
423.27
5
B
4x5.7
2000
1
AVGA105M63B12T-F
3.0
0.12
198.94
8
B
4x5.7
2000
2.2
AVGA225M63B12T-F
3.0
0.12
90.43
12
B
4x5.7
2000
3.3
AVGA335M63C12T-F
3.0
0.12
60.28
17
C
5x5.7
1000
4.7
AVGA475M63D16T-F
3.0
0.12
42.33
22
D
6.3x5.7
1000
10
AVGA106M63D16T-F
6.3
0.12
19.89
32
D
6.3x5.7
1000
22
AVGA226M63X16T-F
14
0.12
9.04
58
X
6.3x7.7
1000
33
AVGA336M63F24T-F
21
0.12
6.03
140
F
8x10
500
47
AVGA476M63F24T-F
30
0.12
4.23
170
F
8x10
500
47
AVGA476M63G24T-F
30
0.12
4.23
310
G
10x10
500
100
AVGA107M63Q24T-F
63
0.12
1.99
310
Q
10x10.3
500
220
AVGA227M63H32T-F
416
0.14
1.06
470
H
12.5x13.5
200
330
AVGA337M63P44T-F
624
0.14
0.70
700
P
16x16.5
125
470
AVGA477M63P44T-F
888
0.14
0.49
700
P
16x16.5
125
Contact factory for tray pack (Y) quantities


Similar Part No. - AVGA478M06P44T-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
AVG ILLINOISCAPACITOR-AVG Datasheet
193Kb / 2P
   Highest capacitance & Voltage
More results

Similar Description - AVGA478M06P44T-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
EEV-FC1E330P PANASONIC-EEV-FC1E330P Datasheet
860Kb / 7P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com