Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVEK477M06G24T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVEK477M06G24T-F
Description  Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVEK477M06G24T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVEK477M06G24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVEK477M06G24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVEK477M06G24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVEK –55 °C to +105 °C
Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
Specifications
–55 °C to +105 °C
6.3, 10, 16, 25, 35, 50 Vdc
0.1µF to 470 µF
±20% @ 120 Hz and +20 °C
I = 0.01 CV or 3 (µA) whichever is greater after 2 minutes
C = rated capacitance in µF, V = rated DC working voltage
For Filtering, Bypassing and Power Supply Decoupling
Highlights
• +105 °C, Up to 5000 Hours Load Life
• Capacitance Range: 0.1 µF to 470 µF
• Voltage Range: 6.3 Vdc to 50 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multiplier:
Dissipation Factor:
(Tan
δ at 120 Hz, 20 ºC)
Low Temperature
Characteristic (at 120 Hz):
Shelf LifeTest:
Type AVEK Capacitors are rated for 5000 hours at 105 ºC with low
impedance characteristics. They are ideal for high density PC board
packaging. The Type AVEK offers a low in-place-cost for a high
quality performer. The vertical cylindrical cases facilitate automatic
mounting and reflow soldering into the same footprint of like-rated
tantalum capacitors except without the need for voltage derating. Type
AVEK is RoHS compliant.
Load Life Test:
Test time: 1000 hours; test limits are the same as those for life test.
Freq. (Hz)
Vdc
50, 60
120
1 k
10 k up
Under 16
0.8
1
1.15
1.25
25 ~ 35
0.8
1
1.25
1.4
50 ~ 63
0.8
1
1.35
1.5
100
0.7
1
1.35
1.5
Rated Voltage
6.3
10
16
25
35
50
4 ~ 6.3 Ø
0.32
0.28
0.24
0.18
0.15
0.14
8 ~ 10 Ø
0.30
0.26
0.22
0.16
0.13
0.12
Rated Voltage
6.3
10
16
25
35
50
Impedance
Ratio
Z(–25 ºC) / Z(+20 ºC)
4
3
2
2
2
2
Z(–40 ºC) / Z(+20 ºC)
8
5
4
3
3
3
Test Time
2,000 Hours ( 4 ~ 6.3 Ø )
5,000 Hrs ( 8 ~ 10 Ø )
Capacitance
Change
6.3 V
Within ±30% of initial value Within ±30% of initial value
10 ~ 16 V Within ±25% of initial value Within ±30% of initial value
25 ~ 50 V Within ±20% of initial value Within ±30% of initial value
Dissipation
Factor
6.3 ~ 16 V < 300% of specified value
< 300% of specified value
25 ~ 50 V
< 200% of specified value
< 300% of specified value
Leakage Current
Within specified value
Within specified value


Similar Part No. - AVEK477M06G24T-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
   Cat.5 Audio/Video Receiver (incl. Cable)
AVE-9201 LVL1-AVE-9201 Datasheet
791Kb / 2P
   1-port Cat.5 Audio/Video Broadcaster
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
   5-port Cat.5 Audio/Video Broadcaster
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results

Similar Description - AVEK477M06G24T-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
RUBYCON CORPORATION
450CXW150MEFC18X40 RUBYCON-450CXW150MEFC18X40 Datasheet
201Kb / 2P
   105??Long Life(5000 hours),Ultra Miniaturized
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
logo
Illinois Capacitor, Inc...
225TXK450MFH ILLINOISCAPACITOR-225TXK450MFH_16 Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com