Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFC227M10F24T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AFC227M10F24T
Description  SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFC227M10F24T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AFC227M10F24T Datasheet HTML 1Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 2Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 3Page - Cornell Dubilier Electronics AFC227M10F24T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type AFC –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 °C
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
–55 °C to +105 °C
6.3, 10, 16, 25 & 50 Vdc
1.0 µF to 1500 µF
±20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20 °C, after two minutes (whichever is greater)
See ratings table
Frequency
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
T
ype AFC Capacitors are the choice for high-frequency filtering. At
100 kHz, most ratings can handle more than twice the ripple current of
type AHA. With solid performance at temperatures down to –55 ° C,
Type AFC has more than 90% capacitance retention at –20 ° C and
1 kHz. With low impedance to beyond 100 kHz, it is ideal for higher
power DC/DC converters. The vertical cylindrical cases make for easy
automatic mounting and reflow soldering, and offer big savings and
higher capacitance compared to tantalum capacitors.
Highlights
+105 °C, Up to 1000 Hour Load Life
Capacitance Range: 1 µF to 1500 µF
Voltage Range: 6.3 Vdc to 50 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Dissipation Factor:
Ripple Current Multiplier:
AFC Series Marking
Outline Drawing
Case Dimensions
Load Life:
1000 h @ +105 °C
∆ Capacitance ±20%
DF: ≤200% of limit
DCL: ≤100% of limit
Shelf Life:
1000 h @ +105 °C
∆ Capacitance ±20%
DF: ≤200% of limit
DCL: ≤100% of limit
Case
Dimensions in (mm)
Code
D ± 0.5
L
A ± 0.2 H (max)
I (ref)
W
P (ref)
K
B
4.0
5.4 +.1,-.2
4.3
5.5
1.8
0.65 ± 0.1
1.0
0.35 + 0.15/-0.20
C
5.0
5.4 +.1,-.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/-0.20
D
6.3
5.4 +.1,-.2
6.6
7.8
2.4
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
E
8.0
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/-0.20
F
8.0
10.2 ±.3
8.3
10.0
3.4
0.90 ± 0.2
3.2
0.70 ± 0.20
G
10.0
10.2 ±.3
10.3
12.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
50/60 Hz
120 Hz
1 kHz
10 kHz
100 kHz
0.70
.0.75
0.90
0.95
1.00


Similar Part No. - AFC227M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC227M10F24T CDE-AFC227M10F24T Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AFC227M10F24T-F CDE-AFC227M10F24T-F Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFC227M10F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
RFE international
RZW RFE-RZW Datasheet
1Mb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
16-NOV-2023
logo
Cornell Dubilier Electr...
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AVEZ CDE-AVEZ Datasheet
212Kb / 5P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com