Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVGA476M06C12T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVGA476M06C12T-F
Description  High Capacitance SMT Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVGA476M06C12T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVGA476M06C12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AVGA –40 °C to +105 °C
High Capacitance SMT Aluminum Electrolytic Capacitors
Ratings
Max.
Catalog
Max. DF
Max. ESR
Ripple Current
Case
Size
Quantity
Cap
Part Number
Max. DCL
@ 120 Hz
@ 120 Hz/20 ºC
@ 120 Hz/105 ºC
Code
D x L
Per Reel
(µF)
(µA)
(ohms)
(ma)
(mm)
(ea)
6.3 Vdc (8 Vdc Surge)
47
AVGA476M06C12T-F
3.0
0.45
15.87
30
C
5x5.7
1000
100
AVGA107M06D16T-F
6.3
0.45
7.46
69
D
6.3x5.7
1000
220
AVGA227M06X16T-F
14
0.45
3.39
120
X
6.3x7.7
1000
330
AVGA337M06F24T-F
21
0.45
2.26
290
F
8x10
500
470
AVGA477M06F24T-F
30
0.45
1.59
320
F
8x10
500
1000
AVGA108M06G24T-F
63
0.45
0.75
410
G
10x10
500
2200
AVGA228M06H32T-F
416
0.42
0.32
680
H
12.5x13.5
200
3300
AVGA338M06L32T-F
624
0.44
0.22
850
L
12.5x16
150
4700
AVGA478M06P44T-F
888
0.46
0.16
1000
P
16x16.5
125
10 Vdc (13 Vdc Surge)
33
AVGA336M10C12T-F
3.3
0.35
17.58
30
C
5x5.7
1000
47
AVGA476M10D16T-F
4.7
0.35
12.35
48
D
6.3x5.7
1000
100
AVGA107M10D16T-F
10
0.35
5.80
69
D
6.3x5.7
1000
220
AVGA227M10X16T-F
22
0.35
2.64
120
X
6.3x7.7
1000
330
AVGA337M10F24T-F
33
0.35
1.76
290
F
8x10
500
470
AVGA477M10F24T-F
47
0.35
1.23
320
F
8x10
500
470
AVGA477M10G24T-F
47
0.35
1.23
410
G
10x10
500
1000
AVGA108M10Q24T-F
100
0.35
0.58
410
Q
10x10.3
500
2200
AVGA228M10L32T-F
660
0.40
0.30
750
L
12.5x16
150
3300
AVGA338M10P44T-F
990
0.42
0.21
1000
P
16x16.5
125
4700
AVGA478M10P44T-F
1410
0.44
0.16
1000
P
16x16.5
125
16 Vdc (20 Vdc Surge)
10
AVGA106M16B12T-F
3.0
0.28
46.42
17
B
4x5.7
2000
22
AVGA226M16C12T-F
3.5
0.28
21.10
30
C
5x5.7
1000
33
AVGA336M16D16T-F
5.3
0.28
14.07
45
D
6.3x5.7
1000
47
AVGA476M16D16T-F
7.5
0.28
9.88
48
D
6.3x5.7
1000
100
AVGA107M16D16T-F
16
0.28
4.64
69
D
6.3x5.7
1000
220
AVGA227M16X16T-F
35
0.28
2.11
120
X
6.3x7.7
1000
330
AVGA337M16F24T-F
53
0.28
1.41
290
F
8x10
500
470
AVGA477M16F24T-F
75
0.28
0.99
320
F
8x10
500
1000
AVGA108M16H32T-F
480
0.34
0.56
550
H
12.5x13.5
200
2200
AVGA228M16P44T-F
1056
0.36
0.27
950
P
16x16.5
125
3300
AVGA338M16P44T-F
1584
0.38
0.19
950
P
16x16.5
125
25 Vdc (32 Vdc Surge)
4.7
AVGA475M25B12T-F
3.0
0.18
63.49
13
B
4x5.7
2000
10
AVGA106M25C12T-F
3.0
0.18
29.84
23
C
5x5.7
1000
22
AVGA226M25D16T-F
5.5
0.18
13.56
38
D
6.3x5.7
1000
33
AVGA336M25D16T-F
8.3
0.18
9.04
50
D
6.3x5.7
1000
47
AVGA476M25D16T-F
12
0.18
6.35
60
D
6.3x5.7
1000
100
AVGA107M25X16T-F
25
0.18
2.98
100
X
6.3x7.7
1000
220
AVGA227M25F24T-F
55
0.18
1.36
320
F
8x10
500
330
AVGA337M25G24T-F
83
0.18
0.90
375
G
10x10
500
470
AVGA477M25G24T-F
118
0.18
0.64
410
G
10x10
500
1000
AVGA108M25L32T-F
750
0.26
0.43
550
L
12.5x16
150
2200
AVGA228M25P44T-F
1650
0.28
0.21
820
P
16x16.5
125
Contact factory for tray pack (Y) quantities


Similar Part No. - AVGA476M06C12T-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
AVG ILLINOISCAPACITOR-AVG Datasheet
193Kb / 2P
   Highest capacitance & Voltage
More results

Similar Description - AVGA476M06C12T-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
   SMT Aluminum Electrolytic Capacitors
ECE-V1EA101UP PANASONIC-ECE-V1EA101UP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECE-V1JA101P PANASONIC-ECE-V1JA101P Datasheet
276Kb / 11P
   SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
   SMT Aluminum Electrolytic Capacitors
EEV-FC1E330P PANASONIC-EEV-FC1E330P Datasheet
860Kb / 7P
   SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com