Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA227M06D16T Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AHA227M06D16T
Description  SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA227M06D16T Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AHA227M06D16T Datasheet HTML 1Page - Cornell Dubilier Electronics AHA227M06D16T Datasheet HTML 2Page - Cornell Dubilier Electronics AHA227M06D16T Datasheet HTML 3Page - Cornell Dubilier Electronics AHA227M06D16T Datasheet HTML 4Page - Cornell Dubilier Electronics AHA227M06D16T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Capacitance vs. Temperature & Frequency
Capacitance vs. Temperature & Frequency
470 µF @ 16 Vdc (10 X 10.2 mm)
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
1.4
1.4
Type AHA
SMT Aluminum Electrolytic Capacitors 55 °C to 105 °C - Long Life
Typical Performance Curves
85
°
105
°C
C
C
65
°
5
°
4
25
°C
0
°C
–20
°C
–40
–55
°C
°C
105
°C
65
°C
85
°C
45
°
25
°C
0
°C
–20
°C
–40
°C
–55
°C
1.2
1.2
1
1
0.8
0.8
0.6
0.6
0.4
0.4
0.2
0.2
0
0
10
100
1,000
10,000
100,000
1,000,000
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Frequency (Hz)
ESR vs. Temperature and Frequency
ESR vs. Temperature and Frequency
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
470 µF @ 16 Vdc (10 X 10.2 mm)
1000
100
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
100
10
10
1
0.1
1
0.1
10
100
1,000
10,000
100,000
1,000,000
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Frequency (Hz)
Impedance vs. Temperature and Frequency
Impedance vs. Temperature and Frequency
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
470 µF @ 16 Vdc (10 X 10.2 mm)
100
100
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
10
10
1
1
0.1
0.1
0.01
10
100
1,000
10,000
100,000
1,000,000
10
100
1,000
10,000
100,000
1,000,000
0.01
Frequency (Hz)
Frequency (Hz)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - AHA227M06D16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA227M06D16T-F CDE-AHA227M06D16T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA227M06D16T-F CDE-AHA227M06D16T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA227M06D16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
MLPS CDE-MLPS Datasheet
522Kb / 10P
   Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com