Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LX393M035A082 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 381LX393M035A082
Description  High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LX393M035A082 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  381LX393M035A082 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LX393M035A082 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
Type
Capacitance
Tolerance Rated Voltage Case Code Insulation
5-pin Option
383LX
472
M
200
N08
2
V
Part Numbering System
100 = 10 µF
101 = 100 µF
492 = 4900 µF
433= 43,000 µF
M = ±20%
Vdc
2 PVC
381L (2 pins)
381LX (2 pins)
383L (4 or 5 pins)
383LX (4 or 5 pins)
(383L/LX, 40 or
50 mm dia)
blank = 4 pins
V = 5 pins
Insulated Case Dimensions
Case
Code
DIAMETER
“D”
mm inches
LENGTH
“L”
mm inches
Typical
Weight
(grams)
Case
Code
DIAMETER
“D”
mm inches
LENGTH
“L”
mm inches
Typical
Weight
(grams)
H20
22
0.87
20
0.79
14
A20
35
1.38
20
0.79
35
H01
22
0.87
25
0.98
16
A01
35
1.38
25
0.98
42
H02
22
0.87
30
1.18
19
A02
35
1.38
30
1.18
48
H03
22
0.87
35
1.38
22
A03
35
1.38
35
1.38
54
H04
22
0.87
40
1.57
24
A04
35
1.38
40
1.57
62
H45
22
0.87
45
1.77
28
A45
35
1.38
45
1.77
67
H05
22
0.87
50
1.97
31
A05
35
1.38
50
1.97
74
J20
25
0.98
20
0.79
16
A06
35
1.38
63
2.48
88
J01
25
0.98
25
0.98
20
A07
35
1.38
70
2.76
98
J02
25
0.98
30
1.18
24
A08
35
1.38
80
3.15
112
J03
25
0.98
35
1.38
27
A10
35
1.38
105 4.13
144
J04
25
0.98
40
1.57
31
N04
40
1.57
40
1.57
82
J045
25
0.98
45
1.77
35
N05
40
1.57
50
1.97
105
J05
25
0.98
50
1.97
38
N06
40
1.57
63
2.48
130
K20
30
1.18
20
0.79
25
N08
40
1.57
80
3.15
185
K01
30
1.18
25
0.98
30
N10
40
1.57
105 4.13
265
K02
30
1.18
30
1.18
35
B05
50
1.97
50
1.97
136
K03
30
1.18
35
1.38
40
B06
50
1.97
63
2.48
168
K04
30
1.18
40
1.57
44
B08
50
1.97
80
3.15
239
K45
30
1.18
45
1.77
48
B09
50
1.97
92
3.62
241
K05
30
1.18
50
1.97
53
B10
50
1.97
105 4.13
325
Typical Performance Curves


Similar Part No. - 381LX393M035A082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX393M035A082 ETC2-381LX393M035A082 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
More results

Similar Description - 381LX393M035A082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Jianghai Europe GmbH
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
logo
Vishay Siliconix
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
logo
Jianghai Europe GmbH
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
   EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
logo
Vishay Siliconix
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
   Aluminum Capacitors Power High Ripple Current Snap-In
Revision: 08-Aug-08
logo
Jianghai Europe GmbH
CD299PG JIANGHAI-CD299PG Datasheet
869Kb / 4P
   EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com