Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX392M050J012 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 380LX392M050J012
Description  High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX392M050J012 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  380LX392M050J012 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX392M050J012 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
V Terminal Standoff Pin Dimensions
Outline Drawings
Two Pins
380L/LX (22 through 40mm diameter)
Four Pins
382L/LX (35 and 40mm diameter)
Five Pins
382L/382LX (40 and 50mm diameter)
Notes:
* Use dummy terminals for mechanical support only. Make no electrical connection because they resistively connect through the
electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Connection
Terminal
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
negative (–)
negative (–)


Similar Part No. - 380LX392M050J012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX392M050J012 ETC2-380LX392M050J012 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LX392M050J012 ETC2-380LX392M050J012 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
380LX392M050J012 CDE-380LX392M050J012 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX392M050J012 CDE-380LX392M050J012 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX392M050J012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
Illinois Capacitor, Inc...
107LBA500M2DC ILLINOISCAPACITOR-107LBA500M2DC Datasheet
105Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBA350M2BC ILLINOISCAPACITOR-127LBA350M2BC Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBB400M2BD ILLINOISCAPACITOR-127LBB400M2BD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com