Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LX101M200N082V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 381LX101M200N082V
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX101M200N082V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 381LX101M200N082V Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 9Page - List of Unclassifed Manufacturers 381LX101M200N082V Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A) (A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
1200
383LX122M250N042 0.180 0.117 2.66
3.72
40 x 40
560
381LX561M315A042 0.355 0.181 1.50 2.10
35 x 40
1200
383L122M250N052
0.081 0.031 2.60
4.30
40 x 50
560
381LX561M315A452 0.355 0.181 1.50 2.10
35 x 45
1500
381LX152M250A052 0.144 0.093 2.50
3.50
35 x 50
680
381LX681M315A452 0.293 0.149 1.70 2.40
35 x 45
1500
381L152M250A072
0.066 0.021 3.10
5.50
35 x 70
680
381LX681M315A052 0.293 0.149 1.70 2.40
35 x 50
1800
381L182M250A082
0.057 0.018 3.60
6.30
35 x 80
820
381L821M315A062
0.180 0.130 1.70 2.10
35 x 63
1800
383LX182M250N052 0.120 0.078 3.25
4.55
40 x 50
820
383L821M315N052
0.190 0.130 1.70 2.10
40 x 50
1800
383L182M250N062
0.066 0.025 3.10
5.10
40 x 63
820
381LX821M315A052 0.242 0.030 2.00 2.80
35 x 50
2200
381LX222M250A082 0.096 0.064 3.75
5.25
35 x 80
1000
381L102M315A072
0.150 0.110 2.00 2.50
35 x 70
2200
383LX222M250N062 0.098 0.064 3.70
5.15
40 x 63
1200
381L122M315A082
0.130 0.089 2.30 2.80
35 x 80
2200
383L222M250N082
0.043 0.017 4.00
6.40
40 x 80
1200
383L122M315N062
0.150 0.110 2.10 2.50
40 x 63
2200 383LX222M250B052V 0.098 0.064 4.35
6.09
50 x 50
1500
383L152M315N082
0.110 0.055 2.70 3.20
40 x 80
2700
381LX272M250A102 0.080 0.052 4.80
6.72
35 x 105
350 Vdc (400 Vdc Surge)
2700
383LX272M250N082 0.092 0.047 3.10
4.30
40 x 80
82
381LX820M350H012 2.426 1.238 .60
.90
22 x 25
2700 383LX272M250B062V 0.080 0.052 4.98
6.97
50 x 63
100
381LX101M350H022 1.989 1.015 .70
1.00
22 x 30
3300
383LX332M250N082 0.065 0.042 4.86
6.80
40 x 80
100
381LX101M350J012 1.989 1.015 .70
1.00
25 x 25
3900
383LX392M250N102 0.055 0.036 5.61
7.85
40 x 105
120
381LX121M350H022 1.658 0.846 .80
1.10
22 x 30
3900 383LX392M250B082V 0.055 0.036 6.10
8.54
50 x 80
120
381LX121M350J012 1.658 0.846 .80
1.10
25 x 25
4300 383LX432M250B092V 0.050 0.033 6.67
9.34
50 x 92
150
381LX151M350H032 1.326 0.677 .80
1.10
22 x 35
4700 383LX472M250B102V 0.046 0.030 7.03
9.84
50 x 105
150
381LX151M350J022 1.326 0.677 .80
1.10
25 x 30
315 Vdc (365 Vdc Surge)
150
381LX151M350K012 1.326 0.677 .80
1.10
30 x 25
82
381LX820M315H012 2.426 1.238 .60
.90
22 x 25
180
381LX181M350H042 1.105 0.564 .90
1.30
22 x 40
100
381LX101M315H022 1.989 1.015 .70
1.00
22 x 30
180
381LX181M350J022 1.105 0.564 .90
1.30
25 x 30
120
381LX121M315H022 1.658 0.846 .80
1.10
22 x 30
180
381LX181M350K012 1.105 0.564 .90
1.30
30 x 25
120
381LX121M315J012 1.658 0.846 .80
1.10
25 x 25
220
381LX221M350H452 0.904 0.461 1.00 1.40
22 x 45
150
381LX151M315H032 1.326 0.677 .80
1.10
22 x 35
220
381LX221M350J032 0.904 0.461 1.00 1.40
25 x 35
150
381LX151M315J022 1.326 0.677 .80
1.10
25 x 30
220
381LX221M350K022 0.904 0.461 1.00 1.40
30 x 30
150
381LX151M315K012 1.326 0.677 .80
1.10
30 x 25
270
381LX271M350J452 0.737 0.376 1.10 1.50
25 x 45
180
381LX181M315H042 1.105 0.564 .90
1.30
22 x 40
270
381LX271M350K022 0.737 0.376 1.10 1.50
30 x 30
180
381LX181M315J022 1.105 0.564 .90
1.30
25 x 30
270
381LX271M350A012 0.737 0.376 1.10 1.50
35 x 25
180
381LX181M315J032 1.105 0.564 .90
1.30
25 x 35
330
381LX331M350J052 0.603 0.308 1.20 1.70
25 x 50
180
381LX181M315K012 1.105 0.564 .90
1.30
30 x 25
330
381LX331M350K042 0.603 0.308 1.20 1.70
30 x 40
220
381LX221M315H452 0.904 0.461 1.00
1.40
22 x 45
330
381LX331M350A022 0.603 0.308 1.20 1.70
35 x 30
220
381LX221M315J032 0.904 0.461 1.00
1.40
25 x 35
390
381LX391M350K452 0.510 0.260 1.30 1.80
30 x 45
220
381LX221M315J042 0.904 0.461 1.00
1.40
25 x 40
390
381LX391M350A022 0.510 0.260 1.30 1.80
35 x 30
220
381LX221M315K012 0.904 0.461 1.00
1.40
30 x 25
470
381LX471M350K052 0.423 0.216 1.40 2.00
30 x 50
220
381LX221M315K022 0.904 0.461 1.00
1.40
30 x 30
470
381LX471M350A042 0.423 0.216 1.40 2.00
35 x 40
270
381LX271M315H052 0.737 0.376 1.10
1.50
22 x 50
560
381LX561M350A452 0.355 0.181 1.50 2.10
35 x 45
270
381LX271M315J042 0.737 0.376 1.10
1.50
25 x 40
560
383L561M350N042
0.299 0.205 1.30 1.50
40 x 40
270
381LX271M315J452 0.737 0.376 1.10
1.50
25 x 45
680
381LX681M350A052 0.293 0.149 1.70 2.40
35 x 50
270
381LX271M315K022 0.737 0.376 1.10
1.50
30 x 30
680
383LX681M350N042 0.317 0.127 2.30 3.22
40 x 40
270
381LX271M315K032 0.737 0.376 1.10
1.50
30 x 35
820
381LX821M350A062 0.303 0.155 2.70 3.70
35 x 63
270
381L271M315K042
0.737 0.376 1.10
1.50
30 x 40
820
383LX821M350N052 0.303 0.155 2.70 3.70
40 x 50
270
381LX271M315A022 0.737 0.376 1.10
1.50
35 x 30
1000
381L102M350A072
0.173 0.117 1.90 2.30
35 x 70
330
381LX331M315J452 0.603 0.308 1.20
1.70
25 x 45
1000
383L102M350N062
0.170 0.117 2.00 2.40
40 x 63
330
381LX331M315J052 0.603 0.308 1.20
1.70
25 x 50
1000 383LX102M350B052V 0.216 0.066 3.56 4.96
50 x 50
330
381LX331M315K032 0.603 0.308 1.20
1.70
30 x 35
1200
381LX122M350A082 0.207 0.106 3.20 4.50
35 x 80
330
381LX331M315K042 0.603 0.308 1.20
1.70
30 x 40
1200
383LX122M350N062 0.207 0.106 3.20 4.50
40 x 63
330
381LX331M315A022 0.603 0.308 1.20
1.70
35 x 30
1500
381LX152M350A102 0.144 0.057 4.78 6.69
35 x 105
390
381LX391M315K452 0.510 0.260 1.30
1.80
30 x 45
1500
383LX152M350N082 0.166 0.085 3.80 5.25
40 x 80
390
381LX391M315A032 0.510 0.260 1.30
1.80
35 x 35
1500 383LX152M350B062V 0.144 0.057 4.16 5.82
50 x 63
470
381LX471M315K452 0.423 0.216 1.40
2.00
30 x 45
1800
383LX182M350N102 0.120 0.048 5.23 7.32
40 x 105
470
381LX471M315K052 0.423 0.216 1.40
2.00
30 x 50
1800 383LX182M350B082V 0.120 0.048 5.69 7.97
50 x 80
470
381LX471M315A032 0.423 0.216 1.40
2.00
35 x 35
2000 383LX202M350B092V 0.108 0.043 6.34 8.88
50 x 92
470
381LX471M315A042 0.423 0.216 1.40
2.00
35 x 40
2200 383LX222M350B102V 0.098 0.039 6.60 9.30
50 x 105


Similar Part No. - 381LX101M200N082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX101M200H012 ETC2-381LX101M200H012 Datasheet
660Kb / 11P
   Top performance in power supplies and motor drives
logo
Cornell Dubilier Electr...
381LX101M200H012 CDE-381LX101M200H012 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
381LX101M200H012 CDE-381LX101M200H012 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 381LX101M200N082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com