Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA226M06B12T Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AHA226M06B12T
Description  SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA226M06B12T Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AHA226M06B12T Datasheet HTML 1Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 2Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 3Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 4Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors 55 °C to 105 °C - Long Life
Catalog
Cap
Part Number
(µF)
Max
DCL
2 min.
(µA)
Max
Max
Max
DF
ESR
Ripple Current
120 Hz 20 ºC
100 kHz 20 ºC
120 Hz 105 °C
( Ω )
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
35 Vdc (44 Vdc Surge)
4.7 AHA475M35B12T
10.0 AHA106M35B12T
10.0 AHA106M35C12T
22.0 AHA226M35C12T
22.0 AHA226M35D16T
3.0
3.6
3.6
7.7
7.7
0.12
42.3
22
0.16
26.5
22
0.12
19.9
30
0.16
12.1
35
0.12
9.0
60
B
B
C
C
D
4 x 5.4
4 x 5.4
5 x 5.4
5 x 5.4
6.3 x 5.4
2000
2000
1000
1000
1000
33.0 AHA336M35D16T
33.0 AHA336M35E16T
47.0 AHA476M35E16T
47.0 AHA476M35F24T
100.0 AHA107M35X16T
11.6
11.6
16.5
16.5
35.0
0.16
8.0
42
0.14
7.0
84
0.14
4.9
84
0.14
4.9
98
0.12
2.0
84
D
E
E
F
X
6.3 x 5.4
8 x 6.2
8 x 6.2
8 x 10.2
6.3 x 7.9
1000
1000
1000
500
900
100.0 AHA107M35F24T
100.0 AHA107M35G24T
220.0 AHA227M35F24T
220.0 AHA227M35G24T
330.0 AHA337M35G24T
35.0
35.0
77.0
77.0
115.5
0.14
2.3
120
0.14
2.3
160
0.14
1.1
170
0.14
1.1
210
0.14
0.7
250
F
G
F
G
G
8 x 10.2
10 x 10.2
8 x 10.2
10 x 10.2
10 x 10.2
500
500
500
500
500
50 Vdc (63 Vdc Surge)
0.1 AHA104M50B12T
0.2 AHA224M50B12T
0.3 AHA334M50B12T
0.5 AHA474M50B12T
1.0 AHA105M50B12T
3.0
3.0
3.0
3.0
3.0
0.12
1990.0
1
0.12
905.0
2
0.12
603.0
3
0.12
424.0
5
0.12
199.0
10
B
B
B
B
B
4 x 5.4
4 x 5.4
4 x 5.4
4 x 5.4
4 x 5.4
2000
2000
2000
2000
2000
2.2 AHA225M50B12T
3.3 AHA335M50B12T
4.7 AHA475M50C12T
10.0 AHA106M50D16T
22.0 AHA226M50E16T
3.0
3.0
3.0
5.0
11.0
0.12
90.5
16
0.12
60.3
16
0.12
42.4
23
0.12
19.9
35
0.12
9.0
70
B
B
C
D
E
4 x 5.4
4 x 5.4
5 x 5.4
6.3 x 5.4
8 x 6.2
2000
2000
1000
1000
1000
33.0 AHA336M50X16T
33.0 AHA336M50E16T
33.0 AHA336M50F24T
47.0 AHA476M50X16T
47.0 AHA476M50F24T
16.5
16.5
16.5
23.5
23.5
0.12
6.0
60
0.12
6.0
70
0.12
6.0
91
0.12
4.2
63
0.12
4.2
95
X
E
F
X
F
6.3 x 7.9
8 x 6.2
8 x 10.2
6.3 x 7.9
8 x 10.2
900
1000
500
900
500
47.0 AHA476M50G24T
100.0 AHA107M50F24T
100.0 AHA107M50G24T
220.0 AHA227M50G24T
23.5
50.0
50.0
110.0
0.12
4.2
100
0.12
2.0
110
0.12
2.0
120
0.12
0.9
150
G
F
G
G
10 x 10.2
8 x 10.2
10 x 10.2
10 x 10.2
500
500
500
500
63 Vdc (75 Vdc Surge)
10.0 AHA106M63E16T
22.0 AHA226M63E16T
22.0 AHA226M63F24T
33.0 AHA336M63G24T
47.0 AHA476M63F24T
47.0 AHA476M63G24T
6.3
13.9
13.9
20.8
29.6
29.6
0.18
29.9
25
0.18
13.6
30
0.18
13.6
30
0.18
9.0
45
0.18
6.3
50
0.18
6.3
50
E
E
F
G
F
G
8 x 6.2
8 x 6.2
8 x 10.2
10 x 10.2
8 x 10.2
10 x 10.2
1000
1000
500
500
500
500
100 Vdc (125 Vdc Surge)
3.3 AHA335M2AE16T
4.7 AHA475M2AE16T
4.7 AHA475M2AF24T
10.0 AHA106M2AF24T
22.0 AHA226M2AF24T
22.0 AHA226M2AG24T
33.0 AHA336M2AG24T
3.3
4.7
4.7
10.0
22.0
22.0
33.0
0.18
90.5
30
0.18
63.5
30
0.18
63.5
50
0.18
29.8
55
0.18
13.6
55
0.18
13.6
60
0.18
9.0
65
E
E
F
F
F
G
G
8 x 6.2
8 x 6.2
8 x 10.2
8 x 10.2
8 x 10.2
10 x 10.2
10 x 10.2
1000
1000
500
500
500
500
500
Part Numbering System
AHA
106
M
16
B
12T
– F
I
I
I
I
I
I
I
Series Capacitance
Capacitance
Voltage
Case
Packaging
RoHS
104 = 0.1 µF
Tolerance
06 = 6.3 Vdc 35 = 35 Vdc
Code
Information
Compliant
105 = 1.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
B = B
12 = Carrier Tape
106 = 10.0 µF
16 = 16 Vdc 63 = 63 Vdc
Width (mm)
107 = 100.0 µF
25 = 25 Vdc 2A = 100 Vdc
T = Tape & Reel
108 = 1000.0 µF
B = Bulk
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - AHA226M06B12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA226M06B12T-F CDE-AHA226M06B12T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA226M06B12T-F CDE-AHA226M06B12T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA226M06B12T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
MLPS CDE-MLPS Datasheet
522Kb / 10P
   Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com