Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3186FE224T016APA1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 3186FE224T016APA1
Description  High Capacitance, Aluminum Electrolytic Screw Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3186FE224T016APA1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  3186FE224T016APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3186FE224T016APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3186FE224T016APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3186FE224T016APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3186FE224T016APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 3186 High Capacitance, Aluminum Electrolytic Screw Terminal
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Case Dimensions, Uninsulated Bare Can
Can Dimensions Insulation Adders
Diameter (D)
Length (L)
Standing Height (H)
(in)
(mm )
(in)
(mm )
(in)
(mm )
0.008" PVC
0.02
0.51
0.032
0.81
0.024
0.61
0.012" PVC
0.03
0.63
0.062
1.58
0.045
1.14
Diam. (D)
Length (L)
Terminal Space(P)
Optional
Bracket
Part No.
Case
±0.031
±0.8
±0.062
±1.6
±0.014
±0.4
Vent Plug (A)
Typical Weight
Code
(in)
(mm )
(in)
(mm )
(in)
(mm )
(in)
(mm )
(oz )
(g)
BA
1.375
34.9
2.125
54.0
0.5
12.7
0.39
8.0
2.5
72
115058-06
BB
1.375
34.9
2.625
66.7
0.5
12.7
0.39
8.0
3.2
90
115058-06
BC
1.375
34.9
3.125
79.4
0.5
12.7
0.39
8.0
3.7
105
115058-06
BD
1.375
34.9
3.625
92.1
0.5
12.7
0.39
8.0
4.2
120
115058-06
BE
1.375
34.9
4.125
104.8
0.5
12.7
0.39
8.0
4.7
135
115058-06
BF
1.375
34.9
4.625
117.5
0.5
12.7
0.39
8.0
6.0
170
115058-06
BG
1.375
34.9
5.125
130.2
0.5
12.7
0.39
8.0
7.7
220
115058-06
BH
1.375
34.9
5.625
142.9
0.5
12.7
0.39
8.0
9.5
270
115058-06
DA
1.750
44.5
2.125
54.0
0.75
19.1
0.453
11.5
5.6
160
115058-15
DB
1.750
44.5
2.625
66.7
0.75
19.1
0.453
11.5
6.1
175
115058-15
DC
1.750
44.5
3.125
79.4
0.75
19.1
0.453
11.5
6.3
180
115058-15
DD
1.750
44.5
3.625
92.1
0.75
19.1
0.453
11.5
7.2
205
115058-15
DE
1.750
44.5
4.125
104.8
0.75
19.1
0.453
11.5
7.7
220
115058-15
DF
1.750
44.5
4.625
117.5
0.75
19.1
0.453
11.5
8.2
235
115058-15
DG
1.750
44.5
5.125
130.2
0.75
19.1
0.453
11.5
8.8
250
115058-15
DH
1.750
44.5
5.625
142.9
0.75
19.1
0.453
11.5
9.5
270
115058-15
EA
2.000
50.8
2.125
54.0
0.875
22.2
0.5
12.7
6.0
170
115058-09
EB
2.000
50.8
2.625
66.7
0.875
22.2
0.5
12.7
6.3
180
115058-09
EC
2.000
50.8
3.125
79.4
0.875
22.2
0.5
12.7
6.7
190
115058-09
ED
2.000
50.8
3.625
92.1
0.875
22.2
0.5
12.7
7.7
220
115058-09
EE
2.000
50.8
4.125
104.8
0.875
22.2
0.5
12.7
8.9
255
115058-09
EF
2.000
50.8
4.625
117.5
0.875
22.2
0.5
12.7
10.2
290
115058-09
EG
2.000
50.8
5.125
130.2
0.875
22.2
0.5
12.7
11.2
320
115058-09
EH
2.000
50.8
5.625
142.9
0.875
22.2
0.5
12.7
12.3
350
115058-09
FB
2.500
63.5
2.625
66.7
1.125
28.6
0.625
15.9
10.5
300
115058-14
FC
2.500
63.5
3.125
79.4
1.125
28.6
0.625
15.9
13.0
370
115058-14
FD
2.500
63.5
3.625
92.1
1.125
28.6
0.625
15.9
14.0
400
115058-14
FE
2.500
63.5
4.125
104.8
1.125
28.6
0.625
15.9
15.6
445
115058-14
FF
2.500
63.5
4.625
117.5
1.125
28.6
0.625
15.9
21.0
600
115058-14
FG
2.500
63.5
5.125
130.2
1.125
28.6
0.625
15.9
22.8
650
115058-14
FH
2.500
63.5
5.625
142.9
1.125
28.6
0.625
15.9
21.0
600
115058-14
GC
3.000
76.2
3.125
79.4
1.25
31.8
0.75
19.0
18.2
520
115058-11
GD
3.000
76.2
3.625
92.1
1.25
31.8
0.75
19.0
20.0
570
115058-11
GE
3.000
76.2
4.125
104.8
1.25
31.8
0.75
19.0
21.0
600
115058-11
GF
3.000
76.2
4.625
117.5
1.25
31.8
0.75
19.0
25.2
720
115058-11
GG
3.000
76.2
5.125
130.2
1.25
31.8
0.75
19.0
29.8
850
115058-11
GH
3.000
76.2
5.625
142.9
1.25
31.8
0.75
19.0
34.0
970
115058-11
GJ
3.000
76.2
5.825
148.0
1.25
31.8
0.75
19.0
36.8
1050
115058-11
GN
3.000
76.2
8.625
219.1
1.25
31.8
0.75
19.0
51.1
1460
115058-11


Similar Part No. - 3186FE224T016APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186FE224T016APA1 CDE-3186FE224T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186FE224T016APA1 CDE-3186FE224T016APA1 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
More results

Similar Description - 3186FE224T016APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com