Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

382LX104M035B092V Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 382LX104M035B092V
Description  High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

382LX104M035B092V Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  382LX104M035B092V Datasheet HTML 1Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 2Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 3Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 4Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 5Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 6Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 7Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 8Page - Cornell Dubilier Electronics 382LX104M035B092V Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
EIA Ripple Life: 3,000 h @ full load at +85 °C per EIA IS-749
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1,000 h @ 85 °C
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
2-pin Types: 380L and 380LX. 4-pin or 5-pin Types: 382L and 382LX
The excellent value of Type 380L/LX capacitors finds application
in switching power supply input and output circuits and even
motor drives where the high surface area of multiple units in
parallel approaches the ripple capability of our Type 520C
computer-grade capacitor. Type 380LX delivers more capacitance
per can size while Type 380L available in the largest case sizes
gives lower ESR for the same capacitance. Types 382L and
382LX give the choice of 4 or 5 leads for stable, reverse proof
mounting.
Highlights
• Latest available ratings, worldwide
• Top performance in power supplies and motor drives
• Big selection of 46 case sizes
• 2, 4 and 5 leads available
Specifications
Operating Temperature:
–40 °C to 85 °C up to 300 V, –25 °C to 85 °C ≥315 V
Rated Voltage:
16 Vdc to 500 Vdc
Capacitance:
33 µF to 270,000 µF ±20%
Leakage Current: ≤3√CV µA at 5 min.
Ripple Current Multipliers:
Ambient Temperature
Frequency
45 °C
60 °C
70 °C
85 °C
1.5
1.4
1.3
1.0
Load Life Test:
3,000 h @ full load at +85 °C
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
50 Hz
60 Hz
120 Hz 500 Hz 2 kHz 10 kHz & up
16-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40
Complies with the EU
Directive
2002/95/EC
requirementrestrictingthe
use of Lead (Pb), Mercury
(Hg), Cadmium (Cd),
Hexavalent
chromium
(Cr(VI)), PolyBrominated
Biphenyls (PBB) and
PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 382LX104M035B092V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382LX104M035B092V ETC2-382LX104M035B092V Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
382LX104M035B092V ETC2-382LX104M035B092V Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
382LX104M035B092V CDE-382LX104M035B092V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX104M035B092V CDE-382LX104M035B092V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX104M035B092V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
Illinois Capacitor, Inc...
107LBA500M2DC ILLINOISCAPACITOR-107LBA500M2DC Datasheet
105Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBA350M2BC ILLINOISCAPACITOR-127LBA350M2BC Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBB400M2BD ILLINOISCAPACITOR-127LBB400M2BD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com