Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5402CRWZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM5402CRWZ1
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5402CRWZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM5402CRWZ1 Datasheet HTML 2Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 3Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 4Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 5Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 6Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 7Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 8Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 9Page - Analog Devices ADUM5402CRWZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. 0 | Page 6 of 24
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
ADuM5401CRWZ/ADuM5402CRWZ/
ADuM5403CRWZ/ADuM5404CRWZ
Minimum Pulse Width
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
25
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPHL, tPLH
45
60
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
6
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
45
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels
tPSKCD
6
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing Directional Channels
tPSKOD
15
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
at Logic High Output
|CMH|
25
35
kV/μs
VIx = VDD or VISO, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output
|CML|
25
35
kV/μs
VIx = 0 V, V = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 The contributions of supply current values for all four channels are combined at identical data rates.
2 The VISO supply current is available for external use when all data rates are below 2 Mbps. At data rates above 2 Mbps, the data I/O channels draw additional
current proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate can be calculated as
described in the Power Consumption section. The dynamic I/O channel load must be treated as an external load and included in the VISO power budget.
3 The power demands of the quiescent operation of the data channels cannot be separated from the power supply section. Efficiency includes the quiescent
power consumed by the I/O channels as part of the internal power consumption.
4 This current is available for driving external loads at the VISO pin. All channels are simultaneously driven at a maximum data rate of 25 Mbps with full capacitive
load representing the maximum dynamic load conditions. Refer to the Power Consumption section for calculation of available current at less than the maximum
data rate.


Similar Part No. - ADUM5402CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM5402CRWZ AD-ADuM5402CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ AD-ADUM5402CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5402CRWZ AD-ADUM5402CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ AD-ADUM5402CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ AD-ADUM5402CRWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
More results

Similar Description - ADUM5402CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com