Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP120-ACBZ25R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP120-ACBZ25R7
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120-ACBZ25R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP120-ACBZ25R7 Datasheet HTML 1Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 2Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 3Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 4Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 5Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 6Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 7Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 8Page - Analog Devices ADP120-ACBZ25R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
100 mA, Low Quiescent Current,
CMOS Linear Regulator
ADP120
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.3 V to 5.5 V
Output voltage range: 1.2 V to 3.3 V
Output current: 100 mA
Low quiescent current
IGND = 11 μA with zero load
IGND = 22 μA with 100 mA load
Low shutdown current: <1 μA
Low dropout voltage
60 mV @ 100 mA load
High PSRR
73 dB @ 1 kHz at VOUT = 1.2 V
70 dB @ 10 kHz at VOUT = 1.2 V
Low noise: 40 μV rms at VOUT = 1.2 V
No noise bypass capacitor required
Initial accuracy: ±1%
Stable with small 1 μF ceramic output capacitor
16 fixed output voltage options
Current-limit and thermal overload protection
Logic controlled enable
5-lead TSOT package
4-ball 0.4 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post regulation
TYPICAL APPLICATIONS CIRCUITS
NC = NO CONNECT
VIN
GND
EN
5
VOUT
4
NC
+
1µF
VOUT = 1.8V
1
2
3
+
1µF
VIN = 2.3V
Figure 1. ADP120 TSOT with Fixed Output Voltage, 1.8 V
VIN
VOUT
EN
GND
+
1µF
VOUT = 1.8V
+
1µF
VIN = 2.3V
Figure 2. ADP120 WLCSP with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP120 is a low quiescent current, low dropout, linear
regulator that operates from 2.3 V to 5.5 V and provides up to
100 mA of output current. The low 60 mV dropout voltage at
100 mA load improves efficiency and allows operation over a
wide input voltage range. The low 25 μA of quiescent current at
full load makes the ADP120 ideal for battery-operated portable
equipment.
The ADP120 is available in 16 fixed output voltage options,
ranging from 1.2 V to 3.3 V. The part is optimized for stable
operation with small 1 μF ceramic output capacitors. The
ADP120 delivers good transient performance with minimal
board area.
Short-circuit protection and thermal overload protection circuits
prevent damage in adverse conditions. The ADP120 is available
in a tiny 5-lead TSOT and a 4-ball 0.4 mm pitch WLCSP for the
smallest footprint solution for use in a variety of portable
applications.


Similar Part No. - ADP120-ACBZ25R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP120-ACBZ25R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com