Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5201CRWZ1 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5201CRWZ1
Description  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5201CRWZ1 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5201CRWZ1 Datasheet HTML 1Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 2Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 3Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 4Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 5Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 6Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 7Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 8Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Preliminary Technical Data
ADuM5200/5201/5202
Rev. PrA | Page 2 of 23
TABLE OF CONTENTS
Applications....................................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics – 5V Primary Input Supply / 5V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics – 3.3V Primary Input Supply / 3.3V
Secondary Isolated Supply .......................................................... 5
Electrical Characteristics – 5V Primary Input Supply / 3.3V
Secondary Isolated Supply .......................................................... 7
Package Characteristics ............................................................... 9
Insulation and Safety-Related Specifications............................ 9
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 10
Recommended Operating Conditions .................................... 10
Absolute Maximum Ratings.......................................................... 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ....................................... 15
Application Information................................................................ 17
Theory of operation ................................................................... 18
PC Board Layout ........................................................................ 18
Thermal Analysis ....................................................................... 18
Propagation Delay-Related Parameters................................... 19
DC Correctness and Magnetic Field Immunity........................... 19
Power Consumption .................................................................. 20
Insulation Lifetime ..................................................................... 21
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY


Similar Part No. - ADUM5201CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Similar Description - ADUM5201CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com