Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5401CRWZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM5401CRWZ1
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401CRWZ1 Datasheet(HTML) 3 Page - Analog Devices

  ADUM5401CRWZ1 Datasheet HTML 1Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 2Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 3Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 4Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 5Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 6Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 7Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 8Page - Analog Devices ADUM5401CRWZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. 0 | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ VDD1 ≤ 5.5 V, VSEL = VISO; all voltages are relative to their respective ground. All minimum/maximum specifications apply over the
entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = 5.0 V, VSEL = VISO = 5.0 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER POWER SUPPLY
Setpoint
VISO
4.7
5.0
5.4
V
IISO = 0 mA
Line Regulation
VISO(LINE)
1
mV/V
IISO = 50 mA, VDD1 = 4.5 V to 5.5 V
Load Regulation
VISO(LOAD)
1
5
%
IISO = 10 mA to 90 mA
Output Ripple
VISO(RIP)
75
mV p-p
20 MHz bandwidth, CBO = 0.1 μF
║10 μF,
IISO = 90 mA
Output Noise
VISO(N)
200
mV p-p
20 MHz bandwidth, CBO = 0.1 μF
║10 μF,
IISO = 90 mA
Switching Frequency
fOSC
180
MHz
Pulse-Width Modulation Frequency
fPWM
625
kHz
iCoupler DATA CHANNELS
DC to 2 Mbps Data Rate1
Maximum Output Supply Current2
IISO(MAX)
100
mA
f ≤ 1 MHz, VISO > 4.5 V
Efficiency at Maximum Output Supply
Current3
34
%
IISO = IISO(2,MAX), f ≤ 1 MHz
IDD1 Supply Current, No VISO Load
IDD1(Q)
19
30
mA
IISO = 0 mA, f ≤ 1 MHz
25 Mbps Data Rate (CRWZ Grade Only)
IDD1 Supply Current, No VISO Load
IDD1(D)
ADuM5401
68
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM5402
71
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM5403
75
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM5404
78
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
Available VISO Supply Current4
IISO(LOAD)
ADuM5401
87
mA
CL = 15 pF, f = 12.5 MHz
ADuM5402
85
mA
CL = 15 pF, f = 12.5 MHz
ADuM5403
83
mA
CL = 15 pF, f = 12.5 MHz
ADuM5404
81
mA
CL = 15 pF, f = 12.5 MHz
IDD1 Supply Current, Full VISO Load
IDD1(MAX)
290
mA
CL = 0 pF, f = 0 MHz, VDD = 5 V, IISO = 100 mA
I/O Input Currents
IIA, IIB, IIC, IID
−20
+0.01
+20
μA
Logic High Input Threshold
VIH
0.7 × VISO,
0.7 × VIDD1
V
Logic Low Input Threshold
VIL
0.3 × VISO,
0.3 ×
VIDD1
V
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
VDD1 − 0.3,
VISO − 0.3
5.0
V
IOx = −20 μA, VIx = VIxH
VDD1 − 0.5,
VISO − 0.3
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
AC SPECIFICATIONS
ADuM5401ARWZ/ADuM5402ARWZ/
ADuM5403ARWZ/ADuM5404ARWZ
Minimum Pulse Width
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPHL, tPLH
55
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADUM5401CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM5401CRWZ AD-ADuM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
More results

Similar Description - ADUM5401CRWZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com