Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5200ARWZ2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM5200ARWZ2
Description  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5200ARWZ2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM5200ARWZ2 Datasheet HTML 2Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 3Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 4Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 5Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 6Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 7Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 8Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 9Page - Analog Devices ADUM5200ARWZ2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADuM5200/5201/5202
Preliminary Technical Data
Rev. PrA| Page 6 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Minimum Pulse Width13
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate14
25
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay15
tPHL, tPLH
45
60
ns
CL = 15 pF, CMOS signal levels
Pulse-Width Distortion, |tPLH − tPHL|11
PWD
6
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/
°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew16
tPSK
45
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels17
tPSKCD
6
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels17
tPSKCD
15
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
at Logic High Output
|CMH|
25
35
kV/μs
VIx = VDD or VISO, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output
|CML|
25
35
kV/μs
VIx = 0 V, V = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 All voltages are relative to their respective ground.
2 The contributions of supply current values for all four channels are combined at identical data rates.
3 VISO supply current available for external use when all data rates are below 2Mbps. At data rates above 2Mbps data I/O channels will draw additional current
proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate may be calculated as described in the
Power Consumption section. The dynamic I/O channel load must be treated as an external load and be included in the VISO power budget.
4 The power demands of the quiescent operation of the data channels cannot be separated from the power supply section. Efficiency includes the quiescent power
consumed by the I/O channels as part of its internal power consumption.
5 IDD1(Q) is the minimum operating current drawn at the VDD1 pin when there is no external load at VISO and the I/O pins are operating below 2Mbps, requiring no
additional dynamic supply current. It reflects the minimum current operating condition.
6 IDD1(D) is the typical input supply current with all channels simultaneously driven at maximum data rate of 25Mbps with full capacitive load representing the maximum
dynamic load conditions. Resistive loads on the outputs should be treated separately from the dynamic load.
7 This current is available for driving external loads at the VISO pin. All channels are simultaneously driven at maximum data rate of 25Mbps with full capacitive load
representing the maximum dynamic load conditions. Refer to Power Consumption section for calculation of available current at less than maximum data rate.
8 IDD1(MAX) is the input current under full dynamic and VISO load conditions.
9 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed.
10 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed.
11 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
12 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions.
13 Channel-to-channel matching is the absolute value of the difference in propagation delays between the two channels when operated with identical loads.


Similar Part No. - ADUM5200ARWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200ARWZ AD-ADUM5200ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200ARWZ AD-ADUM5200ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200ARWZ AD-ADUM5200ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200ARWZ1 AD-ADUM5200ARWZ1 Datasheet
370Kb / 15P
   Isolated DC/DC Converter
Rev. PrA
More results

Similar Description - ADUM5200ARWZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com