Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5202 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM5202
Description  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5202 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM5202 Datasheet HTML 5Page - Analog Devices ADUM5202 Datasheet HTML 6Page - Analog Devices ADUM5202 Datasheet HTML 7Page - Analog Devices ADUM5202 Datasheet HTML 8Page - Analog Devices ADUM5202 Datasheet HTML 9Page - Analog Devices ADUM5202 Datasheet HTML 10Page - Analog Devices ADUM5202 Datasheet HTML 11Page - Analog Devices ADUM5202 Datasheet HTML 12Page - Analog Devices ADUM5202 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Preliminary Technical Data
ADuM5200/5201/5202
Rev. PrA | Page 9 of 23
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal Resistance
θCA
45
°C/W
Thermocouple located at center of
package underside, test conducted on 4
layer board with thin traces3.
Thermal Shutdown
Thermal Shutdown Threshold
Thermal Shutdown Hysteresis
TSSD
TSSD-HYS
150
20
°C
°C
TJ Rising
1 Device considered a 2-terminal device; Pins 1, 2, 3, 4, 5, 6, 7, and 8 shorted together and Pins 9, 10, 11, 12, 13, 14, 15, and 16 shorted together.
2 Input capacitance is from any input data pin to ground.
3 Refer to the Power Considerations section for thermal model definitions
Table 5.
UL (Pending)
CSA (Pending)
VDE (Pending)
Recognized under 1577 component
recognition program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Reinforced insulation,
2500 V rms isolation voltage
Reinforced insulation per CSA 60950-1-03
and IEC 60950-1,
300 V rms (424 V peak)maximum working
voltage
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL1577, each ADuM520x is proof tested by applying an insulation test voltage ≥3000 V rms for 1 sec (current leakage detection limit = 5 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM520x is proof tested by applying an insulation test voltage ≥1050 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms 1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
>8 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
>8 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM5202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5202 AD-ADUM5202 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5202CRWZ AD-ADUM5202CRWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
More results

Similar Description - ADUM5202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com