Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM520X Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM520X
Description  Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM520X Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM520X Datasheet HTML 3Page - Analog Devices ADUM520X Datasheet HTML 4Page - Analog Devices ADUM520X Datasheet HTML 5Page - Analog Devices ADUM520X Datasheet HTML 6Page - Analog Devices ADUM520X Datasheet HTML 7Page - Analog Devices ADUM520X Datasheet HTML 8Page - Analog Devices ADUM520X Datasheet HTML 9Page - Analog Devices ADUM520X Datasheet HTML 10Page - Analog Devices ADUM520X Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary Technical Data
ADuM5000
Rev. PrA | Page 7 of 15
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
protective circuits. The * marking on packages denotes DIN V VDE V 0884-10 approval.
Table 7.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
VPR
1050
V peak
Input-to-Output Test Voltage, Method A
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
VPR
After Environmental Tests Subgroup 1
896
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
672
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
4000
V peak
Safety-Limiting Values
Maximum value allowed in the event of a failure
( see Figure 2)
Case Temperature
TS
150
°C
Side 1 Current
IS1
265
mA
Side 2 Current
IS2
335
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
0
100
200
300
400
500
600
0
50
100
150
200
Am bient Tem pearture (°C)
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values on
Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 8.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+85
°C
Supply Voltages1
VDD @ VSEL=0V
VDD
2.7
5.5
V
VDD @ VSEL=5V
VDD
4.5
5.5
V
1 All voltages are relative to their respective ground.


Similar Part No. - ADUM520X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM520X AD-ADUM520X Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM520X AD-ADUM520X Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
More results

Similar Description - ADUM520X

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-12-4.5-Q48 MURATA1-IRS-12-4.5-Q48 Datasheet
178Kb / 2P
   Isolated DC-DC converter
11/16/2022
logo
Powerex Power Semicondu...
VLA106-24242 POWEREX-VLA106-24242 Datasheet
360Kb / 2P
   Isolated DC/DC Converter
VLA106-15151 POWEREX-VLA106-15151 Datasheet
400Kb / 2P
   Isolated DC/DC Converter
logo
Rohm
BP5324A ROHM-BP5324A_10 Datasheet
1,009Kb / 4P
   Isolated DC/DC Converter
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
   Isolated DC/DC Converter
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
   Isolated DC/DC Converter
VLA106-24154 POWEREX-VLA106-24154 Datasheet
370Kb / 2P
   Isolated DC/DC Converter
VLA312-2425 POWEREX-VLA312-2425 Datasheet
425Kb / 3P
   Isolated DC-DC Converter
logo
Rohm
BP5510-24 ROHM-BP5510-24 Datasheet
554Kb / 2P
   Isolated DC/DC converter
BD7F100HFN-EVK-001 ROHM-BD7F100HFN-EVK-001 Datasheet
1Mb / 12P
   Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com