Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM5201 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM5201
Description  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5201 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM5201 Datasheet HTML 7Page - Analog Devices ADUM5201 Datasheet HTML 8Page - Analog Devices ADUM5201 Datasheet HTML 9Page - Analog Devices ADUM5201 Datasheet HTML 10Page - Analog Devices ADUM5201 Datasheet HTML 11Page - Analog Devices ADUM5201 Datasheet HTML 12Page - Analog Devices ADUM5201 Datasheet HTML 13Page - Analog Devices ADUM5201 Datasheet HTML 14Page - Analog Devices ADUM5201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Preliminary Technical Data
ADuM5200/5201/5202
Rev. PrA | Page 11 of 23
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDD, VISO)1
−0.5 V to +7.0 V
Input Voltage
(VIA, VIB, VE1, VE2,RCSEL, VSEL)1, 2
−0.5 V to VDDI + 0.5 V
Output Voltage
(VOA, VOB)1, 2
−0.5 V to VDDO + 0.5 V
Average Output Current per Pin3
Side 1 (IO1)
−18 mA to +18 mA
Side 2(IOISO)
−22 mA to +22 mA
Common-Mode Transients4
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective ground.
2 VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the PC Board Layout section.
3 See Figure 2 for maximum rated current values for various temperatures.
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the Absolute Maximum Ratings may cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Table 10. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar Waveform
424
V peak
50-year minimum lifetime
AC Voltage, Unipolar Waveform
Basic Insulation
600
V peak
Maximum approved working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved working voltage per IEC 60950-1 and VDE
V 0884-10
DC Voltage
Basic Insulation
600
V peak
Maximum approved working voltage per IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved working voltage per IEC 60950-1 and VDE
V 0884-10
1 Refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.
Table 11. Truth Table (Positive Logic)
RCIN
Input
RCSEL
Output
VSEL
Input1
VDDI
Input
VISO
Output
VIX
Input
VOX
Output
Notes
X
H
H
5.0V
5.0V
X
X
Master mode operation, Self Regulating
X
H
L
5.0V
3.3V
X
X
Master mode operation, Self Regulating
X
H
H
3.3V
5.0V
X
X
Master mode operation, Self Regulating
X
H
L
3.3V
3.3V
X
X
Master mode operation, Self Regulating
EXT-PWM
L
X
X
X
X
X
Slave mode operation, Regulation from another isoPower part.
L
L
L
X
0V
X
X
Low power mode, Converter disabled
X
X
X
X
X
H
H
Data outputs valid for any active power configuration.
X
X
X
X
X
L
L
Data outputs valid for any active power configuration
H
L
X
X
X
X
X
WARNING! This combination of RCIN and RCSEL is prohibited.
Damage will occur on the secondary due to exess output
voltage at VISO. RCin must be either Low or a PWM signal from a
master isoPower part..


Similar Part No. - ADUM5201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5201 AD-ADUM5201 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results

Similar Description - ADUM5201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com