Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73632DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73632DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73632DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS73632DBVT Datasheet HTML 1Page - Texas Instruments TPS73632DBVT Datasheet HTML 2Page - Texas Instruments TPS73632DBVT Datasheet HTML 3Page - Texas Instruments TPS73632DBVT Datasheet HTML 4Page - Texas Instruments TPS73632DBVT Datasheet HTML 5Page - Texas Instruments TPS73632DBVT Datasheet HTML 6Page - Texas Instruments TPS73632DBVT Datasheet HTML 7Page - Texas Instruments TPS73632DBVT Datasheet HTML 8Page - Texas Instruments TPS73632DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PIN CONFIGURATIONS
TABISGND
DCQPACKAGE
SOT223
(TOPVIEW)
5
IN
OUT
GND
NR/FB
EN
DBVPACKAGE
SOT23
(TOPVIEW)
IN
GND
EN
3
NR/FB
OUT
1
2
5
4
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
4
3
6
2
1
TPS736xx
www.ti.com .................................................................................................................................................. SBVS038R – SEPTEMBER 2003 – REVISED MAY 2008
PIN DESCRIPTIONS
SOT23
SOT223
3x3 SON
(DBV)
(DCQ)
(DRB)
NAME
PIN NO.
PIN NO.
PIN NO.
DESCRIPTION
IN
1
1
8
Input supply
GND
2
3, 6
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the
EN
3
5
5
regulator into shutdown mode. Refer to the Shutdown section under Applications
Information for more details. EN can be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin bypasses
NR
4
4
3
noise generated by the internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only—this is the input to the control loop error amplifier,
FB
4
4
3
and is used to set the output voltage of the device.
OUT
5
2
1
Output of the Regulator. There are no output capacitor requirements for stability.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS736xx


Similar Part No. - TPS73632DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73632DBVT TI-TPS73632DBVT Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73632DBVT TI-TPS73632DBVT Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73632DBVT TI-TPS73632DBVT Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73632DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com