Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2873ACPZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2873ACPZ-RL
Description  3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2873ACPZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADN2873ACPZ-RL Datasheet HTML 1Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 2Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 3Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 4Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 5Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 6Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 7Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 8Page - Analog Devices ADN2873ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2873
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Conditions/Comments
IBMON, IMMON DIVISION RATIO
IBIAS/IBMON3
76
98
112
A/A
2 mA < IBIAS < 11 mA
IBIAS/IBMON3
85
98
115
A/A
11 mA < IBIAS < 50 mA
IBIAS/IBMON3
92
100
108
A/A
50 mA < IBIAS < 100 mA
IBIAS/IBMON STABILITY3, 10
±5
%
10 mA < IBIAS < 100 mA
IMOD/IMMON
42
A/A
IBMON Compliance Voltage
0
1.3
V
SUPPLY
ICC11
31
mA
When IBIAS = IMOD = 0 mA
VCC (with Respect to GND)12
3.0
3.3
3.6
V
1 Temperature range is from −40°C to +85°C.
2 Measured into a single-ended 15 Ω load (22 Ω resistor in parallel with digital scope 50 Ω input) using a 1111111100000000 pattern at 2.5 Gbps, shown in Figure 2.
3 Guaranteed by design and characterization. Not production tested.
4 Measured into a single-ended 15 Ω load using a K28.5 pattern at 2.5 Gbps, shown in Figure 2.
5 Measured into a differential 30 Ω (43 Ω differential resistor in parallel with a digital scope of 50 Ω input) load using a 1111111100000000 pattern at 4.25 Gbps, as
shown in Figure 3.
6 Measured into a differential 30 Ω load using a K28.5 pattern at 4.25 Gbps, as shown in Figure 3.
7 Measured into a differential 30 Ω load using a K28.5 pattern at 2.7 Gbps, as shown in Figure 3.
8 When the voltage on DATAP is greater than the voltage on DATAN, the modulation current flows into the IMODP pin.
9 Guaranteed by design. Not production tested.
10 IBIAS/IBMON ratio stability is defined in SFF-8472 Revision 9 over temperature and supply variation.
11 See the ICC minimum for power calculation in the Power Consumption section.
12 All VCC pins should be shorted together.
ADN2873
IMODP
BIAS TEE
80kHz → 27GHz
VCC
VCC
TO HIGH SPEED
DIGITAL
OSCILLOSCOPE
50Ω INPUT
R
22Ω
C
L
Figure 2. High Speed Electrical Test Single-Ended Output Circuit
ADN2873
IMODN
BIAS TEE
80kHz → 27GHz
VCC
TO HIGH SPEED
DIGITAL
OSCILLOSCOPE
50Ω DIFFERENTIAL INPUT
R
43Ω
C
L
VCC
IMODP
L
C
BIAS TEE
80kHz → 27GHz
Figure 3. High Speed Electrical Test Differential Output Circuit


Similar Part No. - ADN2873ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Similar Description - ADN2873ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com