Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3251EARWZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3251EARWZ-REEL
Description  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3251EARWZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADM3251EARWZ-REEL Datasheet HTML 1Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 2Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 3Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 4Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 5Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 6Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 7Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 8Page - Analog Devices ADM3251EARWZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Isolated, Single-Channel
RS-232 Line Driver/Receiver
ADM3251E
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
2.5 kV fully isolated (power and data) RS-232 transceiver
isoPower integrated, isolated dc-to-dc converter
460 kbps data rate
1 Tx and 1 Rx
Meets EIA/TIA-232E specifications
ESD protection on RIN and TOUT pins
±8 kV: contact discharge
±15 kV: air gap discharge
0.1 μF charge pump capacitors
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals (pending)
UL recognition
2500 V rms for 1 minute per UL 1577
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
Wide body, 20-lead SOIC package
APPLICATIONS
High noise data communications
Industrial communications
General-purpose RS-232 data links
Industrial/telecommunications diagnostic ports
Medical equipment
FUNCTIONAL BLOCK DIAGRAM
DECODE
RECT
REG
V–
C4
0.1µF
16V
VOLTAGE
DOUBLER
C1+ C1– V+
VISO
C2+ C2–
R
T
VOLTAGE
INVERTER
VCC
ROUT
TIN
GND
GNDISO
RIN*
TOUT
ADM3251E
OSC
ENCODE
ENCODE
DECODE
*5kΩ PULL-DOWN RESISTOR ON THE RS-232 INPUT.
0.1µF
C3
0.1µF
10V
C2
0.1µF
16V
0.1µF
C1
0.1µF
16V
Figure 1.
GENERAL DESCRIPTION
The ADM3251E is a high speed, 2.5 kV fully isolated, single-
channel RS-232/V.28 transceiver device that operates from a
single 5 V power supply. Due to the high ESD protection on the
RIN and TOUT pins, the device is ideally suited for operation in
electrically harsh environments or where RS-232 cables are
frequently being plugged and unplugged.
The ADM3251E incorporates dual-channel digital isolators with
isoPower™ integrated, isolated power. There is no requirement
to use a separate isolated dc-to-dc converter. Chip-scale trans-
former iCoupler® technology from Analog Devices, Inc., is used
both for the isolation of the logic signals as well as for the
integrated dc-to-dc converter. The result is a total isolation
solution.
The ADM3251E conforms to the EIA/TIA-232E and ITU-T V. 28
specifications and operates at data rates up to 460 kbps.
Four external 0.1 μF charge pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
5 V supply.
The ADM3251E is available in a 20-lead, wide body SOIC package
and is specified over the −40°C to +85°C temperature range.


Similar Part No. - ADM3251EARWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251EARWZ-REEL AD-ADM3251EARWZ-REEL Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results

Similar Description - ADM3251EARWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com