Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5513-EVALZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5513-EVALZ
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5513-EVALZ Datasheet HTML 4Page - Analog Devices ADL5513-EVALZ Datasheet HTML 5Page - Analog Devices ADL5513-EVALZ Datasheet HTML 6Page - Analog Devices ADL5513-EVALZ Datasheet HTML 7Page - Analog Devices ADL5513-EVALZ Datasheet HTML 8Page - Analog Devices ADL5513-EVALZ Datasheet HTML 9Page - Analog Devices ADL5513-EVALZ Datasheet HTML 10Page - Analog Devices ADL5513-EVALZ Datasheet HTML 11Page - Analog Devices ADL5513-EVALZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADL5513
Preliminary Technical Data
Rev. PrA | Page 10 of 12
EVALUATION BOARD CONFIGURATION OPTIONS
Table 4. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2, R1
Input Interface.
The 52.3 Ω resistor in Position R1 combines with the internal input impedance of the
ADL5513 to give a broadband input impedance of about 50 Ω. C1 and C2 are dc-
blocking capacitors. A reactive impedance match can be implemented by replacing
R1 with an inductor and C1 and C2 with appropriately valued capacitors.
R1 = 52.3 Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
C3, C4, C5, C6,
R11, R12
Power Supply Decoupling
The nominal supply decoupling consists of a 100 pF filter capacitor placed physically
close to the ADL5513 and a 0.1 μF capacitor placed nearer to the power supply input
pin. If additional isolation from the power supply is required, a small resistance maybe
installed in between the power supply and the ADL5513. (R11, R12)
C3 = 0.1 μF (Size 0402)
C4 = 100 pF (Size 0402)
C5 = 100 pF (Size 0402)
C6 = 0.1 μF (Size 0402)
R11 = 0 Ω (Size 0402)
R12 = 0 Ω (Size 0402)
C7
Filter Capacitor
The low-pass corner frequency of the circuit that drives the VOUT pin can be lowered
by placing a capacitor between CLPF and ground. Increasing this capacitor increases
the overall rise/fall time of the ADL5513 for pulsed input signals.
C7= 1000 pF (Size 0402)
R2, R3 R4, R5, R10,
RL, CL
Output Interface—Measurement Mode.
In measurement mode, a portion of the output voltage is fed back to the VSET pin via R4.
The magnitude of the slope of the VOUT output voltage response can be increased by
reducing the portion of VOUT that is fed back to VSET. R3 can be used as a back-
terminating resistor or as part of a single-pole, low-pass filter.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = 0 Ω (Size 0402)
R5 = open (Size 0402)
R10 = open (Size 0402)
RL = CL = open (Size 0402)
R4, R5, R10
Output Interface—Controller Mode.
In this mode, R4 must be open. In controller mode, the ADL5513 can control the gain of
an external component. A setpoint voltage is applied to Pin VSET, the value of which
corresponds to the desired RF input signal level applied to the ADL5513 RF input. A
sample of the RF output signal from this variable gain component is selected, typically
via a directional coupler, and applied to ADL5513 RF input. The voltage at the VOUT
pin is applied to the gain control of the variable gain element. A control voltage is
applied to the VSET pin. The magnitude of the control voltage can optionally be
attenuated via the voltage divider comprising R4 and R5, or a capacitor can be
installed in Position R5 to form a low-pass filter along with R4.
R4 = open (Size 0402)
R5 = open (Size 0402)
R10 = 0 Ω (Size 0402)
R6, R7, R8, R9
Temperature Compensation Interface.
A voltage source can be used to optimize the temperature performance for various
input frequencies. The pads for R8/R9 can be used for a voltage divider from the VPOS
node to set the TADJ voltage at different frequencies. The ADL5513 may be disabled by
by applying a voltage of VPOS −0.7 V to this node.
R6 = open (Size 0402)
R7= 0 Ω (Size 0402)
R8 = open (Size 0402)
R9 = open Ω (Size 0402)
VPOS, GND
Supply and Ground Connections
Not Applicable


Similar Part No. - ADL5513-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513-EVALZ AD-ADL5513-EVALZ Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513-EVALZ AD-ADL5513-EVALZ Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
More results

Similar Description - ADL5513-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com