Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7658YSTZ-1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7658YSTZ-1
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658YSTZ-1 Datasheet(HTML) 1 Page - Analog Devices

  AD7658YSTZ-1 Datasheet HTML 1Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 2Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 3Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 4Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 5Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 6Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 7Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 8Page - Analog Devices AD7658YSTZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
250 kSPS, 6-Channel, Simultaneous
Sampling, Bipolar, 16-/14-/12-Bit ADC
AD7656-1/AD7657-1/AD7658-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Pin and software compatible with AD7656/AD7657/AD7658
featuring reduced decoupling requirements
6 independent ADCs
True bipolar analog inputs
Pin-/software-selectable ranges: ±10 V, ±5 V
Fast throughput rate: 250 kSPS
iCMOS process technology
Low power
140 mW at 250 kSPS with 5 V supplies
High noise performance with wide bandwidth
88 dB SNR at 10 kHz input frequency
On-chip reference and reference buffers
High speed parallel, serial, and daisy-chain interface modes
High speed serial interface
SPI/QSPI™/MICROWIRE™/DSP compatible
Standby mode: 25 μW max
64-lead LQFP
APPLICATIONS
Power line monitoring and measuring systems
Instrumentation and control systems
Multiaxis positioning systems
FUNCTIONAL BLOCK DIAGRAM
VSS
DGND
VDD
REF
CONVST A CONVST B CONVST C
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
CONTROL
LOGIC
BUF
BUF
BUF
AGND
T/H
T/H
T/H
T/H
T/H
T/H
CLK
OSC
AVCC DVCC
V1
V2
V3
V4
V5
V6
SER/PAR SEL
CS
VDRIVE
STBY
DB8/DOUT A
DB9/DOUT B
DB10/DOUT C
DB6/SCLK
RD
WR/REFEN/DIS
DATA/
CONTROL
LINES
AD7656-1/AD7657-1/AD7658-1
16-/14-/
12-BIT SAR
16-/14-/
12-BIT SAR
16-/14-/
12-BIT SAR
16-/14-/
12-BIT SAR
16-/14-/
12-BIT SAR
16-/14-/
12-BIT SAR
Figure 1.
GENERAL DESCRIPTION
The AD7656-1/AD7657-1/AD7658-11 are reduced decoupling pin-
and software-compatible versions of AD7656/AD7657/AD7658.
The AD7656-1/AD7657-1/AD7658-1 devices contain six 16-/
14-/12-bit, fast, low power successive approximation ADCs in
a package designed on the iCMOS® process (industrial CMOS).
iCMOS is a process combining high voltage silicon with submicron
CMOS and complementary bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no previous generation
of high voltage parts could achieve. Unlike analog ICs using conven-
tional CMOS processes, iCMOS components can accept bipolar
input signals while providing increased performance, which
dramatically reduces power consumption and package size.
The AD7656-1/AD7657-1/AD7658-1 feature throughput rates
of up to 250 kSPS. The parts contain low noise, wide bandwidth
track-and-hold amplifiers that can handle input frequencies
up to 4.5 MHz.
The conversion process and data acquisition are controlled
using the CONVST signals and an internal oscillator. Three
CONVST pins (CONVST A, CONVST B, and CONVST C)
allow independent, simultaneous sampling of the three ADC
pairs. The AD7656-1/AD7657-1/AD7658-1 have a high speed
parallel and serial interface, allowing the devices to interface with
microprocessors or DSPs. When the serial interface is selected,
each part has a daisy-chain feature that allows multiple ADCs to
connect to a single serial interface. The AD7656-1/AD7657-1/
AD7658-1 can accommodate true bipolar input signals in the
±4 × VREF and ±2 × VREF ranges. Each AD7656-1/AD7657-1/
AD7658-1 also contains an on-chip 2.5 V reference.
PRODUCT HIGHLIGHTS
1.
Six 16-/14-/12-bit, 250 kSPS ADCs on board.
2.
Six true bipolar, high impedance analog inputs.
3.
High speed parallel and serial interfaces.
4.
Reduced decoupling requirements and reduced bill of
materials cost compared with the AD7656/AD7657/
AD7658 devices.
1 Protected by U.S. Patent No. 6,731,232.


Similar Part No. - AD7658YSTZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7658YSTZ-REEL AD-AD7658YSTZ-REEL Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results

Similar Description - AD7658YSTZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com