Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9388A Datasheet(PDF) 11 Page - Analog Devices

Part # AD9388A
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9388A Datasheet HTML 7Page - Analog Devices AD9388A Datasheet HTML 8Page - Analog Devices AD9388A Datasheet HTML 9Page - Analog Devices AD9388A Datasheet HTML 10Page - Analog Devices AD9388A Datasheet HTML 11Page - Analog Devices AD9388A Datasheet HTML 12Page - Analog Devices AD9388A Datasheet HTML 13Page - Analog Devices AD9388A Datasheet HTML 14Page - Analog Devices AD9388A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9388A
Rev. B | Page 11 of 28
Pin No.
Mnemonic
Type1
Description
24 to 33, 36 to 47, 52 to 55,
58 to 61
P0 to P29
O
Video Pixel Output Port.
19
INT1
O
Interrupt. Can be active low or active high. The set of events that
triggers an interrupt is under user control.
20
SYNC_OUT/INT2
O
Sliced Synchronization Output Signal (SYNC_OUT).
Interrupt Signal (INT2).
17
HS/CS
O
Horizontal Synchronization Output Signal (HS).
Composite Synchronization (CS). A single signal containing both
horizontal and vertical synchronization pulses.
18
VS/FIELD
O
Vertical Synchronization Output Signal (VS).
Field Synchronization (FIELD). Field synchronization output signal in
all interlaced video modes.
16
DE/FIELD
O
Data Enable Signal (DE). Indicates active pixel data.
Field Synchronization (FIELD). Field synchronization output signal in
all interlaced video modes.
11
SDA
I/O
I2C Port Serial Data Input/Output Pin. SDA is the data line for the
control port.
12
SCL
I
I2C Port Serial Clock Input. (Maximum clock rate of 400 kHz.) SCL is
the clock line for the control port.
13
ALSB
I
This pin sets the second LSB of each AD9388A register map.
21
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of
5 ms is required to reset the AD9388A circuitry.
51
LLC
O
Line-Locked Output Clock for Pixel Data. Range is 13.5 MHz to 170 MHz.
65
XTAL1
O
This pin should be connected to the 28.63636 MHz crystal or left as a
no connect if an external 3.3 V 28.63636 MHz clock oscillator source is
used to clock the AD9388A. In crystal mode, the crystal must be a
fundamental crystal.
66
XTAL
I
Input Pin for the 28.63636 MHz Crystal. This pin can be overdriven by
an external 3.3 V 28.63636 MHz clock oscillator source to clock the
AD9388A.
70
ELPF
O
The recommended external loop filter must be connected to this
ELPF pin.
102
AUDIO_ELPF
O
The recommended external loop filter must be connected to this
AUDIO_ELPF pin.
85
REFOUT
O
Internal Voltage Reference Output.
86
CML
O
Common-Mode Level for the Internal ADCs.
90
REFN
I
Internal Voltage Output.
92
REFP
I
Internal Voltage Output.
63
HS_IN/CS_IN
I
HS Input Signal. Used in analog mode for 5-wire timing mode.
CS Input Signal. Used in analog mode for 4-wire timing mode.
For optimal performance, a 100 Ω series resistor is recommended on
the HS_IN/CS_IN pin.
62
VS_IN
I
VS Input Signal. This pin is used in analog mode for 5-wire timing
mode. For optimal performance, a 100 Ω series resistor is
recommended on the VS_IN pin.
75
SOG
I
Synchronization-on-Green Input. This pin is used in embedded
synchronization mode.
97
SOY
I
Synchronization-on-Luma Input. This pin is used in embedded
synchronization mode.
112
RXA_CN
I
Digital Input Clock Complement of Port A in the HDMI Interface.
113
RXA_CP
I
Digital Input Clock True of Port A in the HDMI Interface.
115
RXA_0N
I
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
116
RXA_0P
I
Digital Input Channel 0 True of Port A in the HDMI Interface.
118
RXA_1N
I
Digital Input Channel 1 Complement of Port A in the HDMI Interface.
119
RXA_1P
I
Digital Input Channel 1 True of Port A in the HDMI Interface.


Similar Part No. - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380/PCB AD-AD9380/PCB Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-100 AD-AD9380KSTZ-100 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-150 AD-AD9380KSTZ-150 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Similar Description - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com