Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9388A Datasheet(PDF) 9 Page - Analog Devices

Part # AD9388A
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9388A Datasheet HTML 5Page - Analog Devices AD9388A Datasheet HTML 6Page - Analog Devices AD9388A Datasheet HTML 7Page - Analog Devices AD9388A Datasheet HTML 8Page - Analog Devices AD9388A Datasheet HTML 9Page - Analog Devices AD9388A Datasheet HTML 10Page - Analog Devices AD9388A Datasheet HTML 11Page - Analog Devices AD9388A Datasheet HTML 12Page - Analog Devices AD9388A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9388A
Rev. B | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
Rating
AVDD to AGND
2.2 V
DVDD to DGND
2.2 V
PVDD to PGND
2.2 V
DVDDIO to DGND
4 V
CVDD to CGND
2.2 V
TVDD to TGND
4 V
DVDDIO to AVDD
−0.3 V to +3.6 V
DVDDIO to TVDD
−3.6 V to +3.6 V
DVDDIO to DVDD
−2 V to +2 V
CVDD to DVDD
−2 V to +0.3 V
PVDD to DVDD
−2 V to +0.3 V
AVDD to CVDD
−2 V to +2 V
AVDD to PVDD
−2 V to +2 V
AVDD to DVDD
−2 V to +2 V
AVDD to TVDD
−3.6 V to +0.3 V
TVDD to DVDD
−2 V to +2 V
Digital Inputs
Voltage to DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs
Voltage to DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs
Voltage to AGND
AGND − 0.3 V to AVDD + 0.3 V
Maximum Junction
Temperature (TJ_MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow,
Soldering (20 sec)
260°C
Table 5.
Package Type
ΨJT1
Unit
144-Lead LQFP (ST-144)
1.62
°C/W
1 Junction-to-package surface thermal resistance.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption during AD9388A operation,
turn off unused ADCs.
On a four-layer PCB that includes a solid ground plane, the θJA
value is 25.3°C/W. However, due to variations within the PCB
metal and, therefore, variations in PCB heat conductivity, the
value of θJA may differ for various PCBs.
The most efficient measurement technique is to use the surface
temperature of the package to estimate the die temperature
because this is not affected by the variance associated with the
θJA value.
The maximum junction temperature (TJ_MAX) of 125°C must not
be exceeded. The following equation calculates the junction
temperature using the measured surface temperature of the
package and applies only when no heat sink is used on DUT:
TJ_MAX = TS + (ΨJT × WTOTAL)
where:
TS is the surface temperature of the package expressed in
degrees Celsius.
ΨJT is the junction-to-package surface thermal resistance.
WTOTAL = {(AVDD × IAVDD) + (DVDD × IDVDD) + (DVDDIO
× IDVDDIO) + (PVDD × IPVDD) + (CVDD × ICVDD) +
(TVDD × ITVDD)}.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Contact an Analog Devices, Inc., representative for more details
on package thermal performance at video.products@analog.com.
ESD CAUTION


Similar Part No. - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380/PCB AD-AD9380/PCB Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-100 AD-AD9380KSTZ-100 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-150 AD-AD9380KSTZ-150 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Similar Description - AD9388A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com