Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA113AIDGST Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PGA113AIDGST
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113AIDGST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PGA113AIDGST Datasheet HTML 5Page - Texas Instruments PGA113AIDGST Datasheet HTML 6Page - Texas Instruments PGA113AIDGST Datasheet HTML 7Page - Texas Instruments PGA113AIDGST Datasheet HTML 8Page - Texas Instruments PGA113AIDGST Datasheet HTML 9Page - Texas Instruments PGA113AIDGST Datasheet HTML 10Page - Texas Instruments PGA113AIDGST Datasheet HTML 11Page - Texas Instruments PGA113AIDGST Datasheet HTML 12Page - Texas Instruments PGA113AIDGST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AV
DD
CH5
CH4
CH3
CH2
CH1
V
/CH0
CAL
V
REF
V
OUT
CH7
CH6
DV
DD
CS
DOUT
DIN
SCLK
GND
ENABLE
CH9
CH8
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGA116
PGA117
PGA112
,, PGA113
PGA116, PGA117
www.ti.com ......................................................................................................................................................... SBOS424A – MARCH 2008 – REVISED JUNE 2008
TSSOP-20
PW PACKAGE
(TOP VIEW)
PGA116, PGA117 TERMINAL FUNCTIONS
TSSOP
PACKAGE
PIN #
NAME
DESCRIPTION
1
AVDD
Analog supply voltage (+2.2V to +5.5V)
2
CH5
Input MUX channel 5
3
CH4
Input MUX channel 4
4
CH3
Input MUX channel 3
5
CH2
Input MUX channel 2
6
CH1
Input MUX channel 1
Input MUX channel 0 and VCAL input. For system calibration purposes, connect this pin to a
low-impedance external reference voltage to use internal calibration channels. The four internal
7
VCAL/CH0
calibration channels are connected to GND, 0.9VCAL, 0.1VCAL, and VREF, respectively. VCAL is loaded
with 100k
Ω (typical) when internal calibration channels CAL2 or CAL3 are selected. Otherwise,
VCAL/CH0 appears as high impedance.
Reference input pin. Connect external reference for VOUT offset shift or to midsupply for midsupply
8
VREF
referenced systems. VREF must be connected to a low-impedance reference capable of sourcing and
sinking at least 2mA or to GND.
9
VOUT
Analog voltage output. When AVDD < DVDD, VOUT is clamped to AVDD + 300mV.
10
CH7
Input MUX channel 7
11
CH8
Input MUX channel 8
12
CH9
Input MUX channel 9
13
ENABLE
Hardware enable pin. Logic low puts the part into Shutdown mode (IQ < 1µA).
14
GND
Ground pin
15
SCLK
Clock input for SPI serial interface
Data input for SPI serial interface. DIN contains a weak, 10
µA internal pull-down current source to
16
DIN
allow for ease of daisy-chain configurations.
Data output for SPI serial interface. DOUT goes to high-Z state when CS goes high for standard SPI
17
DOUT
interface.
18
CS
Chip select line for SPI serial interface
Digital and op amp output stage supply voltage (+2.2V to +5.5V). Useful in multi-supply systems to
prevent overvoltage/lockup condition on an ADC input (for example, a microcontroller with an ADC
19
DVDD
running on +3V and the PGA powered from +5V). Digital I/O levels to be relative to DVDD. DVDD should
be bypassed with a 0.1
µF ceramic capacitor, and DV
DD must supply the current for the digital portion of
the PGA as well as the load current for the op amp output stage.
20
CH6
Input MUX channel 6
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA113AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113AIDGST TI-PGA113AIDGST Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA113AIDGST TI-PGA113AIDGST Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com