Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C365164VD Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V54C365164VD
Description  HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365164VD Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V54C365164VD Datasheet HTML 1Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 2Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 3Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 4Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 5Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 6Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 7Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365164VD Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
MOSEL VITELIC
V54C365164VD(L)
5
V54C365164VD(L) Rev. 1.3 September 2001
Capacitance*
TA =0to 70°C, VCC =3.3 V ± 0.3 V, f = 1 Mhz
*Note:Capacitance is sampled and not 100% tested.
Symbol
Parameter
Max. Unit
CI1
Input Capacitance (A0 to A11)
5
pF
CI2
Input Capacitance
RAS,CAS,WE,CS, CLK, CKE, DQM
5pF
CIO
Output Capacitance (I/O)
6.5
pF
CCLK
Input Capacitance (CLK)
4
pF
Block Diagram
Row decoder
Memory array
Bank 0
4096 x 256
x16bit
Row decoder
Memory array
Bank 1
4096 x 256
x16 bit
Row decoder
Memory array
Bank 2
4096 x 256
x16bit
Row decoder
Memory array
Bank 3
4096 x 256
x16bit
Input buffer
Output buffer
I/O1-I/O16
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A11, BA0, BA1
A0 - A7, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses


Similar Part No. - V54C365164VD

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
More results

Similar Description - V54C365164VD

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com