Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2695IRGTTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2695IRGTTG4
Description  Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2695IRGTTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2695IRGTTG4 Datasheet HTML 4Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 5Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 6Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 7Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 8Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 9Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 10Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 11Page - Texas Instruments OPA2695IRGTTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
-65
Resistance( )
W
50
1k
100
-70
-90
-80
V =2V
O
PP
G=+8V/V
f=10MHz
2ndHarmonic
3rdHarmonic
-75
-85
-60
-65
-70
-90
SupplyVoltage(V
V )(V)
-
S+
S-
5
12
2ndHarmonic
3rdHarmonic
6
7
8
9
10
11
V =2V
O
PP
L
f=10MHz
G=+8V/V
R =100W
-80
-75
-85
-50
-100
-60
-80
-70
-90
2ndHarmonic
3rdHarmonic
Frequency(MHz)
1
100
10
V =2V
G=+8V/V
R =100
O
PP
L
W
-65
-90
-75
-70
-80
2ndHarmonic
3rdHarmonic
OutputVoltage(V )
PP
0.5
6
1
f=10MHz
G=+8V/V
R =100
L
W
-85
-65
-90
-75
-70
-80
2ndHarmonic
3rdHarmonic
Gain(V/V)
2
20
10
-85
V =2V
O
PP
L
f=10MHz
R =100W
-68
-70
-72
-74
-84
Gain(|V/V|)
2
20
-76
2ndHarmonic
3rdHarmonic
10
-78
V =2V
O
PP
L
f=10MHz
R =100W
-80
-82
OPA2695
SBOS354 – APRIL 2008..................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At G = +8V/V, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs INVERTING GAIN
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2695


Similar Part No. - OPA2695IRGTTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2695 BURR-BROWN-OPA2695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2695 BURR-BROWN-OPA2695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA2695 BURR-BROWN-OPA2695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA2695IRGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com