Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2695IRGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2695IRGTR
Description  Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2695IRGTR Datasheet(HTML) 4 Page - Texas Instruments

  OPA2695IRGTR Datasheet HTML 1Page - Texas Instruments OPA2695IRGTR Datasheet HTML 2Page - Texas Instruments OPA2695IRGTR Datasheet HTML 3Page - Texas Instruments OPA2695IRGTR Datasheet HTML 4Page - Texas Instruments OPA2695IRGTR Datasheet HTML 5Page - Texas Instruments OPA2695IRGTR Datasheet HTML 6Page - Texas Instruments OPA2695IRGTR Datasheet HTML 7Page - Texas Instruments OPA2695IRGTR Datasheet HTML 8Page - Texas Instruments OPA2695IRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
OPA2695
SBOS354 – APRIL 2008..................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25
°C.
At RF = 402Ω, RL = 100Ω, and G = +8V/V, unless otherwise noted.
OPA2695ID, IRGT
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL
(1)
DISABLE (Disabled LOW)
QFN-16 (RGT) package only
Power-down supply current (+VS)
Both channels, VDIS = 0
–200
–340
–375
–385
µA
typ
A
Disable time
VIN = ±0.25VDC
1
µs
typ
C
Enable time
VIN = ±0.25VDC
25
ns
typ
C
Off isolation
G = +8V/V, 10MHz
80
dB
typ
C
Output capacitance in disable
4
pF
typ
C
Turn-on glitch
G = +2V/V, RL = 150Ω, VIN = 0
±100
mV
typ
C
Turn-off glitch
G = +2V/V, RL = 150Ω, VIN = 0
±20
mV
typ
C
Enable voltage
3.3
3.5
3.6
3.7
V
min
A
Disable voltage
1.8
1.7
1.6
1.5
V
max
A
Control pin input bias current (DIS)
VDIS = 0
75
130
143
145
µA
max
A
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
±1.75
±1.8
±1.9
V
min
B
Maximum operating voltage
±6
±6
±6
V
max
A
Maximum quiescent current
Both channels, VS = ±5V
25.8
26.8
27.6
28.6
mA
max
A
Minimum quiescent current
Both channels, VS = ±5V
25.8
25.2
23.6
22
mA
min
A
Power-supply rejection ratio (+PSRR)
Input-referred
55
51
48
48
dB
typ
A
TEMPERATURE RANGE
Specification: ID, IRGT
–40 to +85
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-ambient
D
SO-8
100
°C/W
typ
C
RGT
QFN-16
55
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2695


Similar Part No. - OPA2695IRGTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2695 BURR-BROWN-OPA2695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2695 BURR-BROWN-OPA2695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA2695 BURR-BROWN-OPA2695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA2695IRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com