Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A020W Datasheet(PDF) 7 Page - Texas Instruments

Part # PTD08A020W
Description  20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTD08A020W Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTD08A020W_08 Datasheet HTML 3Page - Texas Instruments PTD08A020W_08 Datasheet HTML 4Page - Texas Instruments PTD08A020W_08 Datasheet HTML 5Page - Texas Instruments PTD08A020W_08 Datasheet HTML 6Page - Texas Instruments PTD08A020W_08 Datasheet HTML 7Page - Texas Instruments PTD08A020W_08 Datasheet HTML 8Page - Texas Instruments PTD08A020W_08 Datasheet HTML 9Page - Texas Instruments PTD08A020W_08 Datasheet HTML 10Page - Texas Instruments PTD08A020W_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CHARACTERISTIC DATA (VI = 12 V)
0
40
20
4
50
30
80
60
90
70
8
12
16
20
I
O – Output Current – A
400 LFM
200 LFM
100 LFM
Natural Convection
400
Natural
Convection
100
200
V
O = 1.2 V
f
SW = 350 kHz
0
40
20
4
50
30
80
60
90
70
8
12
16
20
I
O – Output Current – A
400 LFM
200 LFM
100 LFM
Natural Convection
400
Natural
Convection
100
200
V
O = 1.2 V
f
SW = 500 kHz
0
40
20
4
50
30
80
60
90
70
8
12
16
20
I
O – Output Current – A
400 LFM
200 LFM
100 LFM
Natural Convection
400
Natural
Convection
100
200
V
O = 3.3 V
f
SW = 350 kHz
0
40
20
4
50
30
80
60
90
70
8
12
16
20
I
O – Output Current – A
400 LFM
200 LFM
100 LFM
Natural Convection
400
Natural
Convection
100
200
V
O = 3.3 V
f
SW = 500 kHz
PTD08A020W
www.ti.com.......................................................................................................................................................... SLTS286D – MAY 2007 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS(3)(4) (continued)
Safe Operating Area
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 6. Safe Operating Area
Figure 7. Safe Operating Area
Figure 8.
AMBIENT TEMPERATURE
vs
LOAD CURRENT
Figure 9.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTD08A020W


Similar Part No. - PTD08A020W_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020WAD TI-PTD08A020WAD Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A020W_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com