Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA112 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PGA112
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA112 Datasheet(HTML) 1 Page - Texas Instruments

  PGA112 Datasheet HTML 1Page - Texas Instruments PGA112 Datasheet HTML 2Page - Texas Instruments PGA112 Datasheet HTML 3Page - Texas Instruments PGA112 Datasheet HTML 4Page - Texas Instruments PGA112 Datasheet HTML 5Page - Texas Instruments PGA112 Datasheet HTML 6Page - Texas Instruments PGA112 Datasheet HTML 7Page - Texas Instruments PGA112 Datasheet HTML 8Page - Texas Instruments PGA112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
PGA112
PGA113
PGA117
PGA116
PGA116
1
FEATURES
APPLICATIONS
DESCRIPTION
10kW
ADC
G=1
R
F
R
I
Output
Stage
SPI
Interface
SCLK
DIO
CS
7
V
OUT
5
DV
DD
10
AV
DD
1
GND
6
V
REF
4
3
8
9
MSP430
Microcontroller
+3V
+5V
V
REF
PGA112
PGA113
V
/CH0
CAL
2
CH1
CAL3
CAL4
CAL1
CAL2
0.1V
CAL
0.9V
CAL
10kW
80kW
MUX
CAL2/3
C
0.1 F
BYPASS
m
C
0.1 F
BYPASS
m
C
0.1 F
BYPASS
m
PGA112,, PGA113
PGA116, PGA117
www.ti.com ......................................................................................................................................................... SBOS424A – MARCH 2008 – REVISED JUNE 2008
Single-Supply, Single-Ended, Precision
Programmable Gain Amplifier with MUX
• Remote e-Meter Reading
23
• Rail-to-Rail Input/Output
• Automatic Gain Control
• Offset: 25µV (typ), 100µV (max)
• Portable Data Acquisition
• Zerø Drift: 0.35µV/°C (typ), 1.2µV/°C (max)
• PC-Based Signal Acquisition Systems
• Low Noise: 12nV/√Hz
• Test and Measurement
• Input Offset Current: ±5nA max (+25°C)
• Programmable Logic Controllers
• Gain Error: 0.1% max (G ≤ 32),
• Battery-Powered Instruments
0.3% max (G > 32)
• Handheld Test Equipment
• Binary Gains: 1, 2, 4, 8, 16, 32, 64, 128
(PGA112, PGA116)
• Scope Gains: 1, 2, 5, 10, 20, 50, 100, 200
The PGA112 and PGA113 (binary/scope gains) offer
(PGA113, PGA117)
two analog inputs, a three-pin SPI interface, and
• Gain Switching Time: 200ns
software shutdown in an MSOP-10 package. The
• Two Channel MUX: PGA112, PGA113
PGA116 and PGA117 (binary/scope gains) offer 10
10 Channel MUX: PGA116, PGA117
analog
inputs,
a
four-pin
SPI
interface
with
daisy-chain capability, and hardware and software
• Four Internal Calibration Channels
shutdown in a TSSOP-20 package.
• Amplifier Optimized for Driving CDAC ADCs
All versions provide internal calibration channels for
• Output Swing: 50mV to Supply Rails
system-level calibration. The channels are tied to
• AV
DD and DVDD for Mixed Voltage Systems
GND, 0.9VCAL, 0.1VCAL, and VREF, respectively. VCAL,
• I
Q = 1.1mA (typ)
an external voltage connected to Channel 0, is used
as the system calibration reference. Binary gains are:
• Software/Hardware Shutdown: I
Q ≤ 4µA (typ)
1, 2, 4, 8, 16, 32, 64, and 128; scope gains are: 1, 2,
• Temperature Range: –40°C to +125°C
5, 10, 20, 50, 100, and 200.
• SPI™ Interface (10MHz) with Daisy-Chain
Capability
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PGA112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112 TI-PGA112 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112 TI-PGA112 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PGA112 TI-PGA112 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results

Similar Description - PGA112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com