Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA112 Datasheet(PDF) 11 Page - Texas Instruments

Part # PGA112
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA112 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA112_08 Datasheet HTML 7Page - Texas Instruments PGA112_08 Datasheet HTML 8Page - Texas Instruments PGA112_08 Datasheet HTML 9Page - Texas Instruments PGA112_08 Datasheet HTML 10Page - Texas Instruments PGA112_08 Datasheet HTML 11Page - Texas Instruments PGA112_08 Datasheet HTML 12Page - Texas Instruments PGA112_08 Datasheet HTML 13Page - Texas Instruments PGA112_08 Datasheet HTML 14Page - Texas Instruments PGA112_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TYPICAL CHARACTERISTICS
OffsetVoltage( V)
m
V
=2.5V
CM
OffsetVoltage( V)
m
V
=4.5V
CM
OffsetVoltageDrift( V/ C)
m
°
V
=2.5V
CM
OffsetVoltageDrift( V/ C)
m
°
V
=4.5V
CM
OffsetVoltageDrift( V/ C)
m
°
V
=4.5V
CM
OffsetVoltageDrift( V/ C)
m
°
V
=2.5V
CM
PGA112
,, PGA113
PGA116, PGA117
www.ti.com ......................................................................................................................................................... SBOS424A – MARCH 2008 – REVISED JUNE 2008
At TA = +25°C, AVDD = DVDD = 5V, RL = 10kΩ connected to DVDD/2, VREF = GND, and CL = 100pF, unless otherwise noted.
OFFSET VOLTAGE
OFFSET VOLTAGE
Figure 6.
Figure 7.
OFFSET VOLTAGE DRIFT
OFFSET VOLTAGE DRIFT
(–40°C to +85°C)
(–40°C TO +85°C)
Figure 8.
Figure 9.
OFFSET VOLTAGE DRIFT
OFFSET VOLTAGE DRIFT
(–40°C to +125°C)
(–40°C TO +125°C)
Figure 10.
Figure 11.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA112_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA112_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com