Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7P801V330A042 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 7P801V330A042
Description  Type 7P 55 째C Photoflash, High-Energy, Long Life, Aluminum
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

7P801V330A042 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  7P801V330A042 Datasheet HTML 1Page - Cornell Dubilier Electronics 7P801V330A042 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 7P 55 °C Photoflash, High-Energy, Long Life, Aluminum
Terminal Drawings
Snap-In Terminals
Solder-Lug Terminals
Part Numbering System
7P
122
V
330
N05
2
L
Type
Capacitance
Tolerance
Rated
Case
Insulation
Terminals
301 = 300 µF
10 + 20%
Voltage
Code
2 = PVC
(blank) = snap-in
122 = 1200 µF
L = solder lugs
ESR Maximum
ESR Maximum
Cap. Catalog Part
@ +25 °C, 120 Diameter
Length
Cap. Catalog Part
@ +25 °C, 120 Diameter
Length
(µF) Number
(Ω)
(mm) (in) (mm) (in)
(µF) Number
(Ω)
(mm) (in) (mm) (in)
330 Vdc (360 Vdc Surge)
360 Vdc (390 Vdc Surge)
300 7P301V330J032
0.663
25
0.98 35 1.38
300 7P301V360J042
0.663
25
0.98 40 1.57
300 7P301V330K012
0.663
30
1.18 25 0.98
350 7P351V360K022
0.568
30
1.18 30 1.18
350 7P351V330J042
0.568
25
0.98 40 1.57
350 7P351V360A012
0.568
35
1.38 25 0.98
350 7P351V330K022
0.568
30
1.18 30 1.18
400 7P401V360J052
0.497
25
0.98 50 1.97
400 7P401V330J042
0.497
25
0.98 40 1.57
400 7P401V360K032
0.497
30
1.18 35 1.38
400 7P401V330K022
0.497
30
1.18 30 1.18
450 7P451V360K032
0.442
30
1.18 35 1.38
500 7P501V330J052
0.398
25
0.98 50 1.97
450 7P451V360A022
0.442
35
1.38 30 1.18
500 7P501V330K032
0.398
30
1.18 35 1.38
500 7P501V360K042
0.398
30
1.18 40 1.57
600 7P601V330K042
0.332
30
1.18 40 1.57
600 7P601V360A032
0.332
35
1.38 35 1.38
700 7P701V330A042
0.284
35
1.38 40 1.57
700 7P701V360A042
0.284
35
1.38 40 1.57
800 7P801V330A042
0.249
35
1.38 40 1.57
800 7P801V360A452
0.249
35
1.38 45 1.77
900 7P901V330A052
0.221
35
1.38 50 1.97
900 7P901V360N042
0.221
40
1.57 40 1.57
900 7P901V330A452
0.221
35
1.38 45 1.77 1000 7P102V360A052
0.199
35
1.38 50 1.97
1000 7P102V330A052
0.199
35
1.38 50 1.97 1200 7P122V360A062
0.166
35
1.38 63 2.48
1000 7P102V330N042
0.199
40
1.57 40 1.57 1500 7P152V360A072
0.133
35
1.38 70 2.76
1200 7P122V330A052
0.166
35
1.38 50 1.97 2000 7P202V360N082
0.099
40
1.57 80 3.15
1500 7P152V330A062
0.133
35
1.38 63 2.48 2500 7P252V360N082
0.080
40
1.57 80 3.15
2000 7P202V330A082
0.099
35
1.38 80 3.15
2700 7P272V330N082
0.074
40
1.57 80 3.15
Ratings
RoHS Compliant


Similar Part No. - 7P801V330A042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7P801V330A042 ETC2-7P801V330A042 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
Cornell Dubilier Electr...
7P801V330A042 CDE-7P801V330A042 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
More results

Similar Description - 7P801V330A042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B Datasheet
234Kb / 2P
   55 ?C Photoflash, High-Energy, Long Life, 500 V, Aluminum
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
7P301V330J032 CDE-7P301V330J032_13 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
logo
Vishay Siliconix
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com