Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1101LRGERG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ONET1101LRGERG4
Description  11.3 Gbps Laser Diode Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1101LRGERG4 Datasheet(HTML) 2 Page - Texas Instruments

  ONET1101LRGERG4 Datasheet HTML 1Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 2Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 3Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 4Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 5Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 6Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 7Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 8Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
BLOCK DIAGRAM
+
+
Limiter
DC Offset Cancellation
Equalizer
Output Driver
Boost
100 W
Equalizer
7 Bit + Sign
8 Bit Register
10 Bit Register
10 Bit Register
8 Bit Register
CP Adjust
IMOD
IBIAS
Settings
CP Adjust
CP Adjust
2-Wire Interface and Control Logic
SDA
SCK
DIS
COMP
MONB
MONP
FLT
PD
BIAS
DIN+
DIN–
SDA
SCK
DIS
MOD+
MOD–
BIAS
MONB
MONP
FLT
PD
COMP
RZTC
RZTC
4 Bit Register
Settings
3 Bit + Sign
Limiter Current
HC Enable
1 Bit
Power-On
Reset
Adjustable
Boost
Bias
Current
Generator
and
APC
Band-Gap
and
Analog
References
B0285-01
PACKAGE
ONET1101L
SLLS883 – MARCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 1 shows a block diagram of the ONET1101L device. The laser driver consists of an equalizer, a limiter, an
output driver, DC offset cancellation with cross point control, power-on reset circuitry, a 2-wire serial interface
(including a control logic block and modulation current generator), a bias current generator and automatic power
control loop, and an analog reference block.
Figure 1. Block Diagram of the ONET1101L
The ONET1101L is packaged in a small footprint 4mm
× 4mm 24-pin, RoHS-compliant QFN package, with a
lead pitch of 0.5 mm. The 24-pin QFN Package top view and pin description follow.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET1101L


Similar Part No. - ONET1101LRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
ONET1130EPRSMR TI1-ONET1130EPRSMR Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
More results

Similar Description - ONET1101LRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com