Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1101LRGERG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ONET1101LRGERG4
Description  11.3 Gbps Laser Diode Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1101LRGERG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET1101LRGERG4 Datasheet HTML 5Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 6Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 7Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 8Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 9Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 10Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 11Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 12Page - Texas Instruments ONET1101LRGERG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
P
S
S
P
SDA
SCK
t
BUF
t
LOW
t
SUSTA
t
HIGH
t
HDSTA
t
r
t
HDSTA
t
HDSTA
t
SUDAT
t
SUSTO
t
f
T0295-01
S
SDA
SCK
P
1–7
1–7
1–7
SLAVE
ADDRESS
R/W
ACK
8
9
8
9
REGISTER
ADDRESS
ACK
8
9
ACK
REGISTER
FUNCTION
T0296-01
REGISTER MAPPING
ONET1101L
SLLS883 – MARCH 2008
Figure 2. I2C Timing Diagram
Table 1. Timing Diagram Definitions
PARAMETER
MIN
MAX
UNIT
fSCK
SCK clock frequency
400
kHz
tBUF
Bus free time between START and STOP conditions
1.3
µs
tHDSTA
Hold time after repeated START condition. After this period, the first clock pulse is generated
0.6
µs
tLOW
Low period of the SCK clock
1.3
µs
tHIGH
High period of the SCK clock
0.6
µs
tSUSTA
Setup time for a repeated START condition
0.6
µs
tHDDAT
Data HOLD time
0
µs
tSUDAT
Data setup time
100
ns
tR
Rise time of both SDA and SCK signals
300
ns
tF
Fall time of both SDA and SCK signals
300
ns
tSUSTO
Setup time for STOP condition
0.6
µs
Figure 3. I2C Data Transfer
The register mapping for register addresses 0 (0x00) through 9 (0x09) are shown in Table 2 through Table 11.
Table 12 describes the circuit functionality based on the register settings.
Table 2. Register 0 (0x00) Mapping – Control Settings
register address 0 (0x00)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
ENA
PDRNG1
PDRNG0
OLENA
FLTEN
POL
EQENA
PDPOL
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ONET1101L


Similar Part No. - ONET1101LRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
ONET1130EPRSMR TI1-ONET1130EPRSMR Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
More results

Similar Description - ONET1101LRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com